Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-F0062TA030FB-P983D19 Datasheet(PDF) 3 Page - Vincotech

Part # 10-F0062TA030FB-P983D19
Description  Vincotech clip-in housing
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-F0062TA030FB-P983D19 Datasheet(HTML) 3 Page - Vincotech

  10-F0062TA030FB-P983D19 Datasheet HTML 1Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 2Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 3Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 4Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 5Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 6Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 7Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 8Page - Vincotech 10-F0062TA030FB-P983D19 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
10-FZ062TA030(FB/FB01/FB02/FB03)-P983(D18/D28/D38/D48)
10-F0062TA030(FB/FB03)-P983(D19/D49)
preliminary datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
1,16
1,4
Tj=125°C
1,11
Tj=25°C
0,9
Tj=125°C
0,77
Tj=25°C
9
Tj=125°C
12
Tj=25°C
0,02
Tj=150°C
2
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ =1 W/mK
1,72
K/W
Tj=25°C
1,25
1,6
Tj=125°C
1,22
Tj=25°C
0,93
Tj=125°C
0,82
Tj=25°C
0,011
Tj=125°C
0,014
Tj=25°C
0,05
Tj=125°C
2
Ig=0,5A
Tj=25°C
2
dig/dt=0,5A/us
Ig=0,2A
Tj=25°C
<1
dig/dt=0,2A/us
Tj=125°C
500
Ig=0,2A
Tj=125°C
150
f=50Hz
VD=2/3Vdrm
Tj=125°C
150
tp=200us
VD=6V
Tj=25°C
50
tp=10us
Tj=25°C
90
Ig=0,2A
VD=6V
Tj=25°C
1,3
Tj=-40°C
1,6
VD=6V
Tj=25°C
11
28
Tj=-40°C
50
Tj=125°C
0,2
Tj=125°C
1
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,57
K/W
Tj=25°C
3
4
5
Tj=125°C
Tj=25°C
2,89
3,3
Tj=125°C
3,43
Tj=25°C
30
Tj=125°C
3,43
Tj=25°C
0,2
Tj=125°C
Tj=25°C
15,8
Tj=125°C
15,4
Tj=25°C
6,4
Tj=125°C
7,4
Tj=25°C
107,6
Tj=125°C
120,4
Tj=25°C
4,2
Tj=125°C
6,6
Tj=25°C
0,2197
Tj=125°C
0,4012
Tj=25°C
0,1983
Tj=125°C
0,3086
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,22
K/W
mA
mA
A/µs
µs
µs
V/µs
mA
µs
V
nC
mWs
pF
V
mA
mA
V
nA
ns
1500
92
150
92
n.a.
VD=1/2Vdrm
40
VD=1/2Vdrm
VD=2/3Vdrm
100
VD=2/3Vdrm
800
Tj=25°C
Vce
20
15
400
25
IH
tq
26
mA
V
15
0
0
VD=1/2Vdrm
Threshold voltage (for power loss calc. only)
Vto
Gate non-trigger voltage
Gate trigger current
Gate controlled delay time
V
m
30
tGD
VGD
IGT
Critical rate of rise of on-state current
30
V
30
Reverse current
Input Rectifier Thyristor
Forward voltage
VF
Ir
1500
V
V
m
mA
30
30
30
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
Slope resistance (for power loss calc. only)
VF
Vto
rt
Input Rectifier Diode
Value
Conditions
IL
Critical rate of rise of off-state voltage
(di/dt)cr
rt
Ir
(dv/dt)cr
tGR
Slope resistance (for power loss calc. only)
Gate non-trigger current
Gate controlled rise time
Circuit commutated turn-off time
Latching current
Reverse current
Holding current
VGT
Gate trigger voltage
Input capacitance
Output capacitance
Reverse transfer capacitance
Gate charge
Cies
tr
tf
Eoff
Collector-emitter cut-off
Rise time
Turn-on delay time
Gate emitter threshold voltage
Gate-emitter leakage current
f=1MHz
QGate
Crss
Coss
VCE(sat)
IGES
ICES
VGE(th)
Integrated Gate resistor
Rgon=2
Turn-off energy loss per pulse
Rgint
Turn-off delay time
Eon
td(off)
Turn-on energy loss per pulse
Fall time
td(on)
Collector-emitter saturation voltage
PFC IGBT
IGD
Rgoff=2
30
600
18
0
480
0,0005
30
Tj=25°C
3
Revision:
3
Copyright by Vincotech


Similar Part No. - 10-F0062TA030FB-P983D19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-F0062PA075SA-P993F09 VINCOTECH-10-F0062PA075SA-P993F09 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA075SA01-P993F19 VINCOTECH-10-F0062PA075SA01-P993F19 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA150SA01-P995F19 VINCOTECH-10-F0062PA150SA01-P995F19 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA150SC-P995F09 VINCOTECH-10-F0062PA150SC-P995F09 Datasheet
2Mb / 15P
   Trench Fieldstop IGBT technology
10-F0062PA200SA-P996F09 VINCOTECH-10-F0062PA200SA-P996F09 Datasheet
1Mb / 15P
   Trench Fieldstop IGBT technology
More results

Similar Description - 10-F0062TA030FB-P983D19

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA099FH-P980D18 VINCOTECH-10-FZ062TA099FH-P980D18 Datasheet
871Kb / 20P
   Vincotech clip-in housing
FZ06 VINCOTECH-FZ06 Datasheet
2Mb / 15P
   2-clip housing in 12mm and 17mm height
V23990-P868-F49-PM VINCOTECH-V23990-P868-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P866-F49-PM VINCOTECH-V23990-P866-F49-PM Datasheet
2Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P865-F49-PM VINCOTECH-V23990-P865-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P860-F49-PM VINCOTECH-V23990-P860-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P864-F49-PM VINCOTECH-V23990-P864-F49-PM Datasheet
742Kb / 15P
   2 clip housing in 12mm and 17mm height
V23990-P869-F49-PM VINCOTECH-V23990-P869-F49-PM Datasheet
1Mb / 15P
   2 clip housing in 12mm and 17mm height
logo
Pomona Electronics
6108 POMONA-6108 Datasheet
38Kb / 1P
   40 In. SOIC Clip Test Clip
logo
Vincotech
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com