Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-FZ062TA040FB-P984D18 Datasheet(PDF) 8 Page - Vincotech

Part # 10-FZ062TA040FB-P984D18
Description  Compact and low inductance design
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-FZ062TA040FB-P984D18 Datasheet(HTML) 8 Page - Vincotech

Back Button 10-FZ062TA040FB-P984D18 Datasheet HTML 4Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 5Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 6Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 7Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 8Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 9Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 10Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 11Page - Vincotech 10-FZ062TA040FB-P984D18 Datasheet HTML 12Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
10-FZ062TA040FB-P984D18/-FB01-P984D28/-FB02-P984D38/-FB03-P984D48
preliminary datasheet
Figure 9
PFC SWITCH
Figure 10
PFC SWITCH
Typical switching times as a
Typical switching times as a
function of collector current
function of gate resistor
t = f(ID)
t = f(RG)
inductive load
inductive load
Tj =
125
°C
Tj =
125
°C
VDS =
400
V
VDS =
400
V
VGS =
15
V
VGS =
15
V
Rgon =
8
IC =
30
A
Rgoff =
8
Figure 11
PFC FRED
Figure 12
PFC FRED
Typical reverse recovery time as a
Typical reverse recovery time as a
function of collector current
function of IGBT turn on gate resistor
trr = f(Ic)
trr = f(Rgon)
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
400
V
VR =
400
V
VGE =
15
V
IF =
30
A
Rgon =
8
VGS =
15
V
PFC
tdoff
tf
tdon
tr
0.001
0.010
0.100
1.000
10.000
0
10
2030
405060
7080
90
100
I D (A)
tdoff
tdon
tr
0.001
0.010
0.100
1.000
10.000
0
8
16
24
32
40
R G (
Ω )
tf
Tj = Tjmax-25°C
trr
Tj = 25°C
trr
0.00
0.01
0.02
0.03
0.04
0.05
0.06
0
8
16
24
32
40
R gon (
Ω )
trr
trr
0.00
0.01
0.02
0.02
0.03
0.04
0
1020
3040506070
8090
100
I C (A)
8
Revision: 2
Copyright by Vincotech


Similar Part No. - 10-FZ062TA040FB-P984D18

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ062TA015SM-P985D13 VINCOTECH-10-FZ062TA015SM-P985D13 Datasheet
365Kb / 9P
   High-efficient rectifier
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ062TA030FB-P983D18 VINCOTECH-10-FZ062TA030FB-P983D18 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB01-P983D28 VINCOTECH-10-FZ062TA030FB01-P983D28 Datasheet
2Mb / 20P
   Vincotech clip-in housing
10-FZ062TA030FB02-P983D38 VINCOTECH-10-FZ062TA030FB02-P983D38 Datasheet
2Mb / 20P
   Vincotech clip-in housing
More results

Similar Description - 10-FZ062TA040FB-P984D18

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-FZ122PA050SC01-P997F18 VINCOTECH-10-FZ122PA050SC01-P997F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F10-PM VINCOTECH-V23990-P823-F10-PM Datasheet
737Kb / 15P
   Compact and Low Inductance Design
10-FZ122PA075SC-P998F08 VINCOTECH-10-FZ122PA075SC-P998F08 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P823-F-PM VINCOTECH-V23990-P823-F-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
10-FZ062TA030 VINCOTECH-10-FZ062TA030 Datasheet
2Mb / 20P
   Compact and low inductance design
10-FZ122PA100SC01-P999F18 VINCOTECH-10-FZ122PA100SC01-P999F18 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P824-F10-PM VINCOTECH-V23990-P824-F10-PM Datasheet
700Kb / 16P
   Compact and Low Inductance Design
FZ12 VINCOTECH-FZ12 Datasheet
2Mb / 15P
   Compact and low inductance design
V23990-P824-F10-P2-14 VINCOTECH-V23990-P824-F10-P2-14 Datasheet
1Mb / 16P
   Compact and Low Inductance Design
V23990-P829-F10-PM VINCOTECH-V23990-P829-F10-PM Datasheet
1Mb / 16P
   Compact and Low Inductance Design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com