Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNB40560B2 Datasheet(PDF) 9 Page - Fairchild Semiconductor

Part # FNB40560B2
Description  Motion SPMR 45 Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNB40560B2 Datasheet(HTML) 9 Page - Fairchild Semiconductor

Back Button FNB40560B2 Datasheet HTML 5Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 6Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 7Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 8Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 9Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 10Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 11Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 12Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 13Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
©2011 Fairchild Semiconductor Corporation
9
www.fairchildsemi.com
Motion SPM® 45 Series Rev. C4
Recommended Operating Conditions
2nd Notes:
8. This product might not make response if input pulse width is less than the recommanded value.
Figure 8. Allowable Maximum Output Current
2nd Notes:
9. This allowable output current value is the reference data for the safe operation of this product. This may be different from the actual application and operating condition.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
VPN
Supply Voltage
Applied between P - NU, NV, NW
-
300
400
V
VCC
Control Supply Voltage
Applied between VCC(H), VCC(L) - COM
13.5
15
16.5
V
VBS
High-Side Bias Voltage
Applied between VB(U) - VS(U), VB(V) - VS(V), VB(W) -
VS(W)
13.0
15
18.5
V
dVCC / dt,
dVBS / dt
Control Supply Variation
- 1
-
1
V /
μs
tdead
Blanking Time for
Preventing Arm-Short
For each input signal
1.5
-
-
μs
fPWM
PWM Input Signal
- 40
°C TJ 150°C
-
-
20
kHz
VSEN
Voltage for Current
Sensing
Applied between NU, NV, NW - COM
(Including Surge-Voltage)
- 4
4
V
PWIN(ON) Minimun Input Pulse
Width
(2nd Note 8)
0.5
-
-
μs
PWIN(OFF)
0.5
-
-
0
102030405060708090
100
110
120
130
140
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Allowable Maximum Output Current
V
DC
=300V, V
CC
=V
BS
=15V
T
J
150, T
C
125
M.I.=0.9, P.F.=0.8
Sinusoidal PWM
f
SW
=15kHz
f
SW
=5kHz
Case Temperature, T
C
[]


Similar Part No. - FNB40560B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB40560B2 FAIRCHILD-FNB40560B2 Datasheet
1Mb / 16P
   Smart Power Module
logo
ON Semiconductor
FNB40560B2 ONSEMI-FNB40560B2 Datasheet
942Kb / 16P
   Motion SPM 45 Series
September-2017, Rev. 3
More results

Similar Description - FNB40560B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNC42060F FAIRCHILD-FNC42060F Datasheet
919Kb / 16P
   Motion SPMR 45 Series
FNB43060T2 FAIRCHILD-FNB43060T2 Datasheet
1Mb / 15P
   Motion SPMR 45 Series
FSB43004A FAIRCHILD-FSB43004A Datasheet
860Kb / 12P
   Motion SPMR 45 LV Series
FSB44104A FAIRCHILD-FSB44104A Datasheet
664Kb / 12P
   Motion SPMR 45 LV Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com