Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNB40560B2 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FNB40560B2
Description  Motion SPMR 45 Series
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNB40560B2 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FNB40560B2 Datasheet HTML 6Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 7Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 8Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 9Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 10Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 11Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 12Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 13Page - Fairchild Semiconductor FNB40560B2 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
©2011 Fairchild Semiconductor Corporation
10
www.fairchildsemi.com
Motion SPM® 45 Series Rev. C4
Mechanical Characteristics and Ratings
Figure 9. Flatness Measurement Position
Figure 10. Mounting Screws Torque Order
2nd Notes:
10. Do not make over torque when mounting screws. Much mounting torque may cause ceramic cracks, as well as bolts and Al heat-sink destruction.
11. Avoid one side tightening stress. Figure 10 shows the recommended torque order for mounting screws. Uneven mounting can cause the ceramic substrate of the SPM® 45
package to be damaged. The pre-screwing torque is set to 20 ~ 30% of maximum torque rating.
Parameter
Conditions
Min.
Typ.
Max.
Unit
Device Flatness
See Figure 9
0
-
+ 120
μm
Mounting Torque
Mounting Screw: M3
See Figure 10
Recommended 0.7 N • m
0.6
0.7
0.8
N • m
Recommended 7.1 kg • cm
6.2
7.1
8.1
kg • cm
Weight
-11
-
g
1
2
Pre - Screwing : 1→2
Final Screwing : 2→1
1
2
Pre - Screwing : 1→2
Final Screwing : 2→1


Similar Part No. - FNB40560B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB40560B2 FAIRCHILD-FNB40560B2 Datasheet
1Mb / 16P
   Smart Power Module
logo
ON Semiconductor
FNB40560B2 ONSEMI-FNB40560B2 Datasheet
942Kb / 16P
   Motion SPM 45 Series
September-2017, Rev. 3
More results

Similar Description - FNB40560B2

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNC42060F FAIRCHILD-FNC42060F Datasheet
919Kb / 16P
   Motion SPMR 45 Series
FNB43060T2 FAIRCHILD-FNB43060T2 Datasheet
1Mb / 15P
   Motion SPMR 45 Series
FSB43004A FAIRCHILD-FSB43004A Datasheet
860Kb / 12P
   Motion SPMR 45 LV Series
FSB44104A FAIRCHILD-FSB44104A Datasheet
664Kb / 12P
   Motion SPMR 45 LV Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com