Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FNF50560TD1 Datasheet(PDF) 7 Page - Fairchild Semiconductor

Part # FNF50560TD1
Description  Motion SPMR 55 Series
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FNF50560TD1 Datasheet(HTML) 7 Page - Fairchild Semiconductor

Back Button FNF50560TD1 Datasheet HTML 3Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 4Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 5Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 6Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 7Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 8Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 9Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 10Page - Fairchild Semiconductor FNF50560TD1 Datasheet HTML 11Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
©2015 Fairchild Semiconductor Corporation
7
www.fairchildsemi.com
FNF50560TD1 Rev. 1.0
Control Part
Note:
9. Short-circuit protection is functioning for all six IGBTs.
Figure. 5. V-T Curve of Temperature Output of IC (5V pull-up with 10kohm)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
IQDD
Quiescent VDD Supply
Current
VDD = 15 V,
IN(UH,VH,WH,UL,VL,WL) = 0 V
VDD - COM
-
1.5
2.0
mA
IPDD
Operating VDD Supply
Current
VDD = 15 V, fPWM = 20 kHz, duty =
50%, applied to one PWM signal
input
VDD - COM
-
2.0
2.5
mA
IQBS
Quiescent VBS Supply
Current
VBS = 15 V, IN(UH, VH, WH) = 0 V
VB(U) - VS(U), VB(V) -
VS(V), VB(W) - VS(W)
-30
60
μA
IPBS
Operating VBS Supply
Current
VDD = VBS = 15 V, fPWM = 20 kHz,
duty = 50%, applied to one PWM
signal input for high - side
VB(U) - VS(U), VB(V) -
VS(V), VB(W) - VS(W)
-
500
650
μA
VFH
Fault Output Voltage
VSC = 0 V, VF Circuit: 10 kΩ to 5 V Pull-up
4.5
-
-
V
VFL
VSC = 1 V, VF Circuit: 10 kΩ to 5 V Pull-up
-
-
0.5
V
VSC(ref)
Short-Circuit Trip Level
VDD = 15 V (Note 4)
0.45
0.5
0.55
V
UVDDD
Supply Circuit
Under-Voltage
Protection
Detection level
10.7
11.4
12.1
V
UVDDR
Reset level
11.2
12.3
13.0
V
UVBSD
Detection level
10.1
10.8
11.5
V
UVBSR
Reset level
10.7
11.4
12.1
V
IFT
HVIC Temperature
Sensing Current
VDD = VBS = 15 V, THVIC = 25°C
688195
μA
VFT
HVIC Temperature
Sensing Voltage
VDD = VBS = 15 V, THVIC = 25°C, 10 kΩ to 5 V Pull-up
(Figure. 5)
4.05
4.19
4.32
V
tFOD
Fault-Out Pulse Width
40
120
-
μs
VFSDR
Shut-down Reset level
Applied between VF - COM
-
-
2.4
V
VFSDS
Shut-down Set level
0.8
-
-
V
VIN(ON)
ON Threshold Voltage
Applied between IN(UH), IN(VH), IN(WH), IN(UL), IN(VL),
IN(WL) - COM
--
2.4
V
VIN(OFF)
OFF Threshold Voltage
0.8
-
-
V
025
50
75
100
125
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T
HVIC
[
OC]


Similar Part No. - FNF50560TD1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FNF50560TD1 ONSEMI-FNF50560TD1 Datasheet
546Kb / 17P
   Motion SPM 55 Series
April 2017 Rev. 1.1
More results

Similar Description - FNF50560TD1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
FNB50560T1 FAIRCHILD-FNB50560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB50560TD1 FAIRCHILD-FNB50560TD1 Datasheet
927Kb / 15P
   Motion SPMR 55 Series
FNA51560TD3 FAIRCHILD-FNA51560TD3 Datasheet
848Kb / 15P
   Motion SPMR 55 Series
FNF51060TD1 FAIRCHILD-FNF51060TD1 Datasheet
927Kb / 15P
   Motion SPMR 55 Series
FNF51560TD1 FAIRCHILD-FNF51560TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNA51060T3 FAIRCHILD-FNA51060T3 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com