Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPF2411 Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FPF2411
Description  Switch with Slew Rate Control and RCB
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2411 Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FPF2411 Datasheet HTML 1Page - Fairchild Semiconductor FPF2411 Datasheet HTML 2Page - Fairchild Semiconductor FPF2411 Datasheet HTML 3Page - Fairchild Semiconductor FPF2411 Datasheet HTML 4Page - Fairchild Semiconductor FPF2411 Datasheet HTML 5Page - Fairchild Semiconductor FPF2411 Datasheet HTML 6Page - Fairchild Semiconductor FPF2411 Datasheet HTML 7Page - Fairchild Semiconductor FPF2411 Datasheet HTML 8Page - Fairchild Semiconductor FPF2411 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FPF2411
• Rev. 1.7
2
Application Diagrams
FPF2411
PWRA
PWRB
ONB
GND
2.3~5.5V
COUT
CIN
+
OFF
ON
FPF2411
PWRB
PWRA
ONB
GND
2.3~5.5V
COUT
CIN
+
OFF
ON
Figure 1.
High-Level Application Diagrams
FPF2411
PWRA
PWRB
ONB
GND
SYSTEM
1uF
1uF
ON
OFF
PTVS
BATTERY
Note: Adding a PTVS such as RDP3101B is recommended at PWRB node in order to avoid device damage from
surge or equivalent stress.
Figure 2.
Battery Isolation Application


Similar Part No. - FPF2411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2411 ONSEMI-FPF2411 Datasheet
1,011Kb / 13P
   6 V / 6 A - Rated Bi-Directional Switch with Slew Rate Control and RCB
August-2017 ??Rev. 2
FPF2411BUCX-F130 ONSEMI-FPF2411BUCX-F130 Datasheet
1,011Kb / 13P
   6 V / 6 A - Rated Bi-Directional Switch with Slew Rate Control and RCB
August-2017 ??Rev. 2
More results

Similar Description - FPF2411

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FPF2411 ONSEMI-FPF2411 Datasheet
1,011Kb / 13P
   6 V / 6 A - Rated Bi-Directional Switch with Slew Rate Control and RCB
August-2017 ??Rev. 2
logo
Toshiba Semiconductor
TCK101G TOSHIBA-TCK101G Datasheet
318Kb / 12P
   1A Load Switch IC with Slew Rate Control Driver
TCK2292XG TOSHIBA-TCK2292XG Datasheet
564Kb / 15P
   2A, 25mΩ Load Switch IC with Slew Rate Control Driver
2021-11-18
logo
Alpha & Omega Semicondu...
AOZ1320 AOSMD-AOZ1320 Datasheet
1Mb / 18P
   Load Switch with Controlled Slew Rate
AOZ1321DI AOSMD-AOZ1321DI Datasheet
636Kb / 15P
   Load Switch with Controlled Slew Rate
logo
Vishay Siliconix
SIP32429 VISHAY-SIP32429 Datasheet
580Kb / 14P
   28 V, 56 m, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. E, 24-Oct-16
SIP32430 VISHAY-SIP32430_V01 Datasheet
1Mb / 17P
   28 V, 99 m?? Load Switch with Programmable Current Limit and Slew Rate Control
01-Jan-2022
logo
Monolithic Power System...
MP5006 MPS-MP5006 Datasheet
361Kb / 13P
   5V, 1A- 5A Programmable Current Limit Switch with Slew Rate Control and Auto Enable
logo
Rohm
BV1LF080EFJ-C ROHM-BV1LF080EFJ-C Datasheet
1Mb / 36P
   Automotive IPD 1ch Low-Side Switch with Slew Rate Control and Output Diagnostic Function
logo
Vishay Siliconix
SIP32430 VISHAY-SIP32430 Datasheet
1,014Kb / 16P
   28 V, 99 mΩ, Load Switch with Programmable Current Limit and Slew Rate Control
Rev. A, 15-Jun-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com