Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSB50825A Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FSB50825A
Description  Motion SPMR 5 Series
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSB50825A Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FSB50825A Datasheet HTML 1Page - Fairchild Semiconductor FSB50825A Datasheet HTML 2Page - Fairchild Semiconductor FSB50825A Datasheet HTML 3Page - Fairchild Semiconductor FSB50825A Datasheet HTML 4Page - Fairchild Semiconductor FSB50825A Datasheet HTML 5Page - Fairchild Semiconductor FSB50825A Datasheet HTML 6Page - Fairchild Semiconductor FSB50825A Datasheet HTML 7Page - Fairchild Semiconductor FSB50825A Datasheet HTML 8Page - Fairchild Semiconductor FSB50825A Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
©2012 Fairchild Semiconductor Corporation
4
www.fairchildsemi.com
FSB50825A Rev. 1.1
Electrical Characteristics (T
J = 25°C, VCC = VBS = 15 V unless otherwise specified.)
Inverter Part (each MOSFET unless otherwise specified.)
Control Part (each HVIC unless otherwise specified.)
Bootstrap Diode Part (each bootstrap diode unless otherwise specified.)
2nd Notes:
1. BVDSS is the absolute maximum voltage rating between drain and source terminal of each MOSFET inside Motion SPM
® 5 product. V
PN should be sufficiently less than this
value considering the effect of the stray inductance so that VPN should not exceed BVDSS in any case.
2. tON and tOFF include the propagation delay of the internal drive IC. Listed values are measured at the laboratory test condition, and they can be different according to the field
applications due to the effect of different printed circuit boards and wirings. Please see Figure 6 for the switching time definition with the switching test circuit of Figure 7.
3. The peak current and voltage of each MOSFET during the switching operation should be included in the Safe Operating Area (SOA). Please see Figure 7 for the RBSOA test
circuit that is same as the switching test circuit.
4. Vts is only for sensing-temperature of module and cannot shutdown MOSFETs automatically.
5. Built-in bootstrap diode includes around 15 Ω resistance characteristic. Please refer to Figure 2.
Symbol
Parameter
Conditions
Min
Typ Max
Unit
BVDSS
Drain - Source
Breakdown Voltage
VIN = 0 V, ID = 1 mA (2nd Note 1)
250
-
-
V
IDSS
Zero Gate Voltage
Drain Current
VIN = 0 V, VDS = 250 V
-
-
1
mA
RDS(on)
Static Drain - Source
Turn-On Resistance
VCC = VBS = 15 V, VIN = 5 V, ID = 2.0 A
-
0.33
0.45
VSD
Drain - Source Diode
Forward Voltage
VCC = VBS = 15V, VIN = 0 V, ID = -2.0 A
-
-
1.2
V
tON
Switching Times
VPN = 150 V, VCC = VBS = 15 V, ID = 2.0 A
VIN = 0 V  5 V, Inductive Load L = 3 mH
High- and Low-Side MOSFET Switching
(2nd Note 2)
-
950
-
ns
tOFF
-
520
-
ns
trr
-
150
-
ns
EON
-
100
-
J
EOFF
-10-
J
RBSOA
Reverse Bias Safe Oper-
ating Area
VPN = 200 V, VCC = VBS = 15 V, ID = IDP, VDS = BVDSS,
TJ = 150°C
High- and Low-Side MOSFET Switching (2nd Note 3)
Full Square
Symbol
Parameter
Conditions
Min
Typ Max
Unit
IQCC
Quiescent VCC Current
VCC = 15 V,
VIN = 0 V
Applied Between VCC and COM
-
-
200
A
IQBS
Quiescent VBS Current
VBS = 15 V,
VIN = 0 V
Applied Between VB(U) - U,
VB(V) - V, VB(W) - W
-
-
100
A
UVCCD
Low-Side Under-Voltage
Protection (Figure 8)
VCC Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVCCR
VCC Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
UVBSD
High-Side Under-Voltage
Protection (Figure 9)
VBS Under-Voltage Protection Detection Level
7.4
8.0
9.4
V
UVBSR
VBS Under-Voltage Protection Reset Level
8.0
8.9
9.8
V
VTS
HVIC Temperature Sens-
ing Voltage Output
VCC = 15 V, THVIC = 25°C (2nd Note 4)
600
790
980
mV
VIH
ON Threshold Voltage
Logic HIGH Level
Applied between IN and COM
--
2.9
V
VIL
OFF Threshold Voltage
Logic LOW Level
0.8
-
-
V
Symbol
Parameter
Conditions
Min
Typ Max
Unit
VFB
Forward Voltage
IF = 0.1 A, TC = 25°C (2nd Note 5)
-
2.5
-
V
trrB
Reverse Recovery Time
IF = 0.1 A, TC = 25°C
-
80
-
ns


Similar Part No. - FSB50825A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50825A FAIRCHILD-FSB50825A Datasheet
4Mb / 28P
   Motion SPM 5 Series Version 2 User?셲 Guide
logo
ON Semiconductor
FSB50825A ONSEMI-FSB50825A Datasheet
508Kb / 13P
   Motion SPM 5 Series
October 2016 Rev. 1.2
logo
Fairchild Semiconductor
FSB50825AS FAIRCHILD-FSB50825AS Datasheet
1Mb / 10P
   Smart Power Module (SPM짰)
logo
ON Semiconductor
FSB50825AS ONSEMI-FSB50825AS Datasheet
454Kb / 11P
   Motion SPM 5 Series
April 2015 Rev. 1.6
FSB50825AT ONSEMI-FSB50825AT Datasheet
508Kb / 13P
   Motion SPM 5 Series
October 2016 Rev. 1.2
More results

Similar Description - FSB50825A

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FSB50550ASE FAIRCHILD-FSB50550ASE Datasheet
611Kb / 10P
   Motion SPMR 5 Series
FSB50325A FAIRCHILD-FSB50325A_14 Datasheet
1Mb / 12P
   Motion SPMR 5 Series
FSB50760SFS FAIRCHILD-FSB50760SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FSB50760SF FAIRCHILD-FSB50760SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SF FAIRCHILD-FSB50660SF Datasheet
866Kb / 11P
   Motion SPMR 5 SuperFETR Series
FSB50660SFS FAIRCHILD-FSB50660SFS Datasheet
745Kb / 10P
   Motion SPMR 5 SuperFETR Series
FNB51060T1 FAIRCHILD-FNB51060T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNB51060TD1 FAIRCHILD-FNB51060TD1 Datasheet
842Kb / 15P
   Motion SPMR 55 Series
FNB51560T1 FAIRCHILD-FNB51560T1 Datasheet
1Mb / 14P
   Motion SPMR 55 Series
FNA51560T1 FAIRCHILD-FNA51560T1 Datasheet
781Kb / 15P
   Motion SPMR 55 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com