Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TDK5100 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TDK5100
Description  ASK/FSK Transmitter 868/433 MHz
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TDK5100 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TDK5100 Datasheet HTML 7Page - Infineon Technologies AG TDK5100 Datasheet HTML 8Page - Infineon Technologies AG TDK5100 Datasheet HTML 9Page - Infineon Technologies AG TDK5100 Datasheet HTML 10Page - Infineon Technologies AG TDK5100 Datasheet HTML 11Page - Infineon Technologies AG TDK5100 Datasheet HTML 12Page - Infineon Technologies AG TDK5100 Datasheet HTML 13Page - Infineon Technologies AG TDK5100 Datasheet HTML 14Page - Infineon Technologies AG TDK5100 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 40 page
background image
Functional Description
2 - 5
TDK 5100
Wireless Components
Specification, October 2002
8
CLKOUT
Clock output to supply an external device.
An external pull-up resistor has to be added
in accordance to the driving requirements of
the external device.
A clock frequency of 3.39 MHz is selected
by a logic low at CLKDIV input (pin9).
A clock frequency of 847.5 kHz is selected
by a logic high at CLKDIV input (pin9).
9
CLKDIV
This pin is used to select the desired clock
division rate for the CLKOUT signal.
A logic low (CLKDIV < 0.2 V) applied to this
pin selects the 3.39 MHz output signal at
CLKOUT (pin 8).
A logic high (CLKDIV open) applied to this
pin selects the 847.5 kHz output signal at
CLKOUT (pin 8).
10
COSC
This pin is connected to the reference oscil-
lator circuit.
The reference oscillator is working as a neg-
ative impedance converter. It presents a
negative resistance in series to an induc-
tance at the COSC pin.
11
FSKOUT
This pin is connected to a switch to
FSKGND (pin 12).
The switch is closed when the signal at
FSKDTA (pin 7) is in a logic low state.
The switch is open when the signal at
FSKDTA (pin 7) is in a logic high state.
FSKOUT can switch an additional capacitor
to the reference crystal network to pull the
crystal frequency by an amount resulting in
the desired FSK frequency shift of the trans-
mitter output frequency.
12
FSKGND
Ground connection for FSK modulation out-
put FSKOUT.
8
300
V
S
+1.2 V
60 k
9
5
µA
60 k
+0.8 V
V
S
V
S
6 k
10
100
µA
V
S
V
S
V
S
200 µA
1.5 k
11
12
V
S


Similar Part No. - TDK5100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5100F INFINEON-TDK5100F Datasheet
503Kb / 35P
   434 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003
TDK5100F INFINEON-TDK5100F Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
TDK5100F INFINEON-TDK5100F_08 Datasheet
1Mb / 39P
   434 MHz ASK/FSK Transmitter in 10-pin Package
V 1.2, April 2008
More results

Similar Description - TDK5100

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDK5110 INFINEON-TDK5110 Datasheet
618Kb / 41P
   ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002
TDA7110 INFINEON-TDA7110 Datasheet
619Kb / 39P
   ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008
logo
ams AG
AS3901 AMSCO-AS3901 Datasheet
618Kb / 18P
   ISM 433/315 MHz FSK/ASK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035_17 Datasheet
1Mb / 21P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036_17 Datasheet
952Kb / 16P
   868/915MHz FSK/ASK Transmitter
TH72036 MELEXIS-TH72036 Datasheet
342Kb / 16P
   868/915MHz FSK/ASK Transmitter
logo
ams AG
ASCELL3911 AMSCO-ASCELL3911 Datasheet
104Kb / 13P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
ASCELL3912 AMSCO-ASCELL3912 Datasheet
122Kb / 14P
   ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
logo
Melexis Microelectronic...
TH72035 MELEXIS-TH72035 Datasheet
547Kb / 20P
   868/915MHz FSK/ASK Transmitter
logo
RF Micro Devices
RF2945 RFMD-RF2945 Datasheet
742Kb / 24P
   433/868/915MHZ FSK/ASK/OOK TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com