Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AR354 Datasheet(PDF) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # AR354
Description  AUTOMOTIVE BUTTON DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

AR354 Datasheet(HTML) 2 Page - Shanghai Shunye Electronics Co.,Ltd.

  AR354 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. AR354 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING AND CHARACTERISTIC CURVES AR/RA3505 THRU 3510
FIG. 1
– DERATING CURVE FOR OUTPUT
FIG. 2
– MAXIMUM NON – REPETITIVE PEAK
RECTIFIER CURRENT
FORWARD SURGE CURRENT
FIG. 3
– TYPICAL INSTANTANEOUS FORWARD
FIG. 4
– TYPICAL REVERSE CHARACTERISTICS
CHARACTERISTICS
FIG. 5
–TYPICAL JUNCTION CAPACITANCE
www.shunyegroup.com.cn
sales@shunyegroup.com.cn


Similar Part No. - AR354

ManufacturerPart #DatasheetDescription
logo
DAESAN ELECTRONIC CORP.
AR354 DAESAN-AR354 Datasheet
269Kb / 2P
   CURRENT 35.0 Amperes VOLTAGE 50 TO 1000 VOLTS
logo
TAITRON Components Inco...
AR354 TAITRON-AR354 Datasheet
134Kb / 4P
   35A Automotive Rectifiers
logo
UNIOHM CORPORATION
AR354 UNIOHM-AR354 Datasheet
157Kb / 2P
   35.0 AMP SILICON RECTIFIERS
logo
MIC GROUP RECTIFIERS
AR354 MIC-AR354 Datasheet
38Kb / 2P
   BUTTON AUTOMOTIVE RECTIFIER
logo
Shanghai Lunsure Electr...
AR354 CHENYI-AR354 Datasheet
154Kb / 2P
   BUTTON DIODES
More results

Similar Description - AR354

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
AR2505 SHUNYE-AR2505 Datasheet
214Kb / 2P
   AUTOMOTIVE BUTTON DIODE
AR5005 SHUNYE-AR5005 Datasheet
249Kb / 2P
   AUTOMOTIVE BUTTON DIODE
RA7005 SY-RA7005 Datasheet
2Mb / 2P
   AUTOMOTIVE BUTTON DIODE
RA8005 SY-RA8005 Datasheet
112Kb / 2P
   AUTOMOTIVE BUTTON DIODE
logo
Won-Top Electronics
AR50A WTE-AR50A Datasheet
24Kb / 2P
   50A AUTOMOTIVE BUTTON DIODE
logo
Shanghai Shunye Electro...
ARL2505 SHUNYE-ARL2505 Datasheet
1Mb / 2P
   AUTOMOTIVE LEAD BUTTON DIODE
logo
Won-Top Electronics
AR35A WTE-AR35A_06 Datasheet
68Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
AR25A WTE-AR25A_06 Datasheet
68Kb / 3P
   25A AUTOMOTIVE BUTTON DIODE
AR35A WTE-AR35A Datasheet
52Kb / 3P
   35A AUTOMOTIVE BUTTON DIODE
logo
Nanjing International G...
ARS35G DGNJDZ-ARS35G Datasheet
3Mb / 3P
   35A AUTOMOTIVE BUTTON DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com