Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TE3-MUX Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TE3-MUX
Description  TE3-MUX M13 Multiplexer and DS3 Framer
Download  211 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TE3-MUX Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TE3-MUX Datasheet HTML 5Page - Infineon Technologies AG TE3-MUX Datasheet HTML 6Page - Infineon Technologies AG TE3-MUX Datasheet HTML 7Page - Infineon Technologies AG TE3-MUX Datasheet HTML 8Page - Infineon Technologies AG TE3-MUX Datasheet HTML 9Page - Infineon Technologies AG TE3-MUX Datasheet HTML 10Page - Infineon Technologies AG TE3-MUX Datasheet HTML 11Page - Infineon Technologies AG TE3-MUX Datasheet HTML 12Page - Infineon Technologies AG TE3-MUX Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 211 page
background image
PEB 3445 E
List of Figures
Page
Data Sheet
9
2001-06-29
Figure 1
Logic Symbol . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Figure 2
Typical DS3 Channelized Application . . . . . . . . . . . . . . . . . . . . . . . . . 17
Figure 3
Pin Configuration . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Figure 4
Block Diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 31
Figure 5
Local Loops . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 34
Figure 6
Remote Loops . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 35
Figure 7
Tributary Mapper . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 37
Figure 8
Tributary Mapper (Transmit Direction) . . . . . . . . . . . . . . . . . . . . . . . . . 38
Figure 9
Tributary Mapper (Receive Direction) . . . . . . . . . . . . . . . . . . . . . . . . . 39
Figure 10
Interrupt Driven Reception Sequence Example (32-byte Receive Thresh-
old) 56
Figure 11
Interrupt Driven Transmit Sequence Example . . . . . . . . . . . . . . . . . . . 57
Figure 12
DMA Supported Receive Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Figure 13
DMA supported Transmit Sequence . . . . . . . . . . . . . . . . . . . . . . . . . . 59
Figure 14
Test Unit Access Points . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 60
Figure 15
Pattern Generator . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 61
Figure 16
Intel Bus Mode (Demultiplexed Bus Operation) . . . . . . . . . . . . . . . . . . 64
Figure 17
Intel Bus Mode (Multiplexed Bus Operation) . . . . . . . . . . . . . . . . . . . . 64
Figure 18
Motorola Bus Mode (Demultiplexed Bus Operation) . . . . . . . . . . . . . . 66
Figure 19
Motorola Bus Mode (Multiplexed Bus Operation) . . . . . . . . . . . . . . . . 66
Figure 20
Receive Overhead Access. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 67
Figure 21
Transmit Overhead Access . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 68
Figure 22
Block Diagram of Test Access Port and Boundary Scan Unit . . . . . . . 70
Figure 23
Input/Output Waveform for AC Tests . . . . . . . . . . . . . . . . . . . . . . . . . 184
Figure 24
Intel Demultiplexed Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Figure 25
Intel Multiplexed Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 186
Figure 26
Read, Write Control Interval in Demultiplexed Bus Mode . . . . . . . . . 187
Figure 27
Read, Write Control Interval in Multiplexed Bus Mode . . . . . . . . . . . 187
Figure 28
Motorola Demultiplexed Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . 188
Figure 29
Motorola Multiplexed Bus Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 189
Figure 30
Read, Write Control Interval in Demultiplexed Bus Mode . . . . . . . . . 190
Figure 31
Read, Write, ALE Control Interval in Multiplexed Bus Mode . . . . . . . 190
Figure 32
DMA Receive Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 191
Figure 33
DMA Transmit Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 192
Figure 34
Clock Input Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 193
Figure 35
DS3 Transmit Cycle Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
Figure 36
DS3 Transmit Data Timing. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 194
Figure 37
DS3 Receive Cycle Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 195
Figure 38
DS3 Transmit Overhead Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . 196
Figure 39
DS3 Transmit Overhead Synchronization Timing . . . . . . . . . . . . . . . 196
Figure 40
DS3 Receive Overhead Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 197
Figure 41
DS3 Transmit Stuff Bit Timing . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 198


Similar Part No. - TE3-MUX

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
TE3 KNIGHTSBRIDGE-TE3 Datasheet
254Kb / 1P
   INPUT VOLTAGE 230V 50Hz
27/03/2024
logo
SL Power Electronics
TE30 SLPOWER-TE30 Datasheet
764Kb / 5P
   20W-30W Single Output External Power
logo
TEMEX
TE300 TEMEX-TE300 Datasheet
225Kb / 5P
   For this product, a full detailed specification can also be delivered on request
logo
Topstek Inc.
TE300A TOPSTEK-TE300A Datasheet
105Kb / 2P
   Topstek Current Transducers
logo
Transys Electronics
TE300R TRSYS-TE300R Datasheet
128Kb / 2P
   GLASS PASSIVATED JUNCTION FAST SWITCHING RECTIFIER
More results

Similar Description - TE3-MUX

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
XRT72L13 EXAR-XRT72L13 Datasheet
4Mb / 370P
   M13 MULTIPLEXER/CLEAR CHANNEL DS3 FRAMER IC
logo
Maxim Integrated Produc...
DS3112 MAXIM-DS3112 Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
logo
Dallas Semiconductor
DS3112 DALLAS-DS3112 Datasheet
585Kb / 135P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
logo
Infineon Technologies A...
PEB3456E INFINEON-PEB3456E Datasheet
5Mb / 424P
   Channelized T3 Termination with DS3 Framer, M13 Multiplexer, T1/ E1 Framers and 256 Channel HDLC/PPP controller
Version 2.1 May 2001
logo
PMC-Sierra, Inc
PM8313D3MX PMC-PM8313D3MX Datasheet
582Kb / 192P
   M13 MULTIPLEXER
PM4328 PMC-PM4328 Datasheet
50Kb / 4P
   High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328-1 PMC-PM4328-1 Datasheet
47Kb / 2P
   High Density T1/E1 Framer with Integrated M13 Multiplexer
PM4328 PMC-PM4328 Datasheet
1Mb / 250P
   HIGH DENSITY T1/E1 FRAMER WITH INTEGRATED M13 MULTIPLEXER
PM8315 PMC-PM8315 Datasheet
53Kb / 2P
   High Density T1/E1 Framer with Integrated VT/TU Mapper and M13 Mux
PM8313 PMC-PM8313 Datasheet
594Kb / 2P
   M13 MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com