Electronic Components Datasheet Search |
|
M201E2A2G40 Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
|
M201E2A2G40 Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd. |
3 / 10 page TYPICAL SWITCH ORDERING EXAMPLE www.nkk.com A1 Series M Angle PC Mount Miniature Toggles www.nkk.com A1 A A M20 Gold Contacts with 0.4VA Rating .200” (5.08mm) Bat Toggle Contact Materials & Ratings W Silver; Rated 6A @ 125V AC & 3A @ 250V AC G Gold; Rated 0.4VA max @ 28V AC/DC max A Gold over Silver; Rated 6A @ 125V AC & 0.4VA max @ 28V AC/DC max DESCRIPTION FOR TYPICAL ORDERING EXAMPLE M2012S2A2G40 SPDT ON-NONE-ON Circuit Terminals 30 .150” (3.81mm) Right Angle PC (1-3 Pole) 32 Right Angle PCB (1 Pole & 0.4VA Rating Only) 40 .150” (3.81mm) Vertical PC (1-4 Pole) 45 .100” (2.54mm) Vertical PC (1-4 Pole) .280” (7.1mm) Smooth Bushing with Keyway Vertical PC Terminals with .150” (3.81mm) Terminal Spacing Small Bushings A2 .280” (7.1mm) Smooth with Keyway S2 .350” (8.9mm) Smooth with Keyway A1 .280” (7.1mm) Threaded with Keyway S1 .350” (8.9mm) Threaded with Keyway Bushing For Locking Levers L2 Smooth with Keyway for Lever Lock Locking Lever L .201” (5.1mm) Dia. Locking Lever Optional Caps B For S Bat Toggle C Conical Cap for S Bat Toggle Cap Colors A Black B White C Red E Yellow F Green G Blue A2 S2 1 G 40 2 Circuits 2 ON NONE ON 3 ON OFF ON 5 ON NONE (ON) 8 (ON) OFF (ON) 9 ON OFF (ON) 4 ON ON ON 6 (ON) ON (ON) 7 ON ON (ON) ( ) = Momentary 3-ON circuits available with double and four pole bases only * * * * Small Toggles S .413” (10.5mm) Bat S2 .200” (5.08mm) Bat S3 .256” (6.5mm) Bat E .450” (11.4mm) Flatted E2 .256” (6.5mm) Flatted Toggle dimensions are based on use with a .350” (8.9mm) bushing; add .070” (1.78mm) to toggle length when combin- ing with a .280” (7.1mm) bushing. Standard Toggle, Bushing, & Terminal Combinations: S2A2G30, S2A2G40, SS2G30, SS2G40, LL2G30, & LL2G40 Poles 1 SPDT 2 DPDT SP3T 3 3PDT 4 4PDT DP3T 4-pole available on vertical models only. * * Cap for Locking Lever No Code Nickel Plated Supplied with Switch A Black C Red G Blue IMPORTANT: Switches are supplied without UL, cULus & CSA marking unless specified. UL, cULus & CSA recognized only when ordered with marking on the switch. Specific models, ratings, & ordering in- structions are noted on General Specifi- cations page. |
Similar Part No. - M201E2A2G40 |
|
Similar Description - M201E2A2G40 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |