Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4226G Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # TLE4226G
Description  Intelligent Sixfold Low-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4226G Datasheet(HTML) 4 Page - Infineon Technologies AG

  TLE4226G Datasheet HTML 1Page - Infineon Technologies AG TLE4226G Datasheet HTML 2Page - Infineon Technologies AG TLE4226G Datasheet HTML 3Page - Infineon Technologies AG TLE4226G Datasheet HTML 4Page - Infineon Technologies AG TLE4226G Datasheet HTML 5Page - Infineon Technologies AG TLE4226G Datasheet HTML 6Page - Infineon Technologies AG TLE4226G Datasheet HTML 7Page - Infineon Technologies AG TLE4226G Datasheet HTML 8Page - Infineon Technologies AG TLE4226G Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
TLE 4226 G
Data Sheet
4
2002-10-21
Application Description
Applications in automotive electronics call for intelligent power switches that can be activated by
logic signals, which have to be shorted load protected and which provide error feedback.
This IC contains six power switches connected to ground (low-side switches). On inductive loads
the integrated Z-diodes clamp the discharging voltage.
By means of TTL signals on the control inputs (active high) all six switches can be activated
independently of one another when a high level appears on the preferred-state input. When there
is a low level on the preferred-state input, switches 1 to 4 are switched on, switches 5 and 6 are
switched off regardless of the control-input levels. The inputs are highly resistive and therefore must
not be left unconnected but should always be on fixed potential (noise immunity). Inputs that are not
used, should be connected to low level to reduce the power consumption.
The analog status output signals the following errors by analog voltage levels:
– Overload
– Thermal overload
– Openload or shorted load to ground (only switches 5 and 6)
The following levels signal errors at the analog and digital status outputs.
Possible Input and Output Levels
Errors
Analog Status
Digital Status
Normal function
Low
High
Overload
Openload or shorted load to ground (only switches 5 and 6)
Thermal overload
1.0 V to 3.3 V
1.0 V to 1.7 V
> 3.5 V
Low
Low
Low
Supply Voltage
V
S
PREFST
IN1-6
Q1-Q4
Q5, Q6
2 to 5 V
5 V
5 V
Low
High
High
Random
Low
High
Low
High
Low
High
High
Low


Similar Part No. - TLE4226G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
More results

Similar Description - TLE4226G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4216G SIEMENS-TLE4216G Datasheet
180Kb / 14P
   Intelligent Sixfold Low-Side Switch
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com