Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4226G Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # TLE4226G
Description  Intelligent Sixfold Low-Side Switch
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4226G Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button TLE4226G Datasheet HTML 3Page - Infineon Technologies AG TLE4226G Datasheet HTML 4Page - Infineon Technologies AG TLE4226G Datasheet HTML 5Page - Infineon Technologies AG TLE4226G Datasheet HTML 6Page - Infineon Technologies AG TLE4226G Datasheet HTML 7Page - Infineon Technologies AG TLE4226G Datasheet HTML 8Page - Infineon Technologies AG TLE4226G Datasheet HTML 9Page - Infineon Technologies AG TLE4226G Datasheet HTML 10Page - Infineon Technologies AG TLE4226G Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
TLE 4226 G
Data Sheet
7
2002-10-21
Characteristics
V
S = 5 V, unless stated otherwise; Tj = – 40 to 140 °C
Parameter
Symbol
Limit Values
Unit
Test Condition
min.
typ.
max.
Supply Voltage (
V
S)
Quiescent current
Supply Current
I
S
I
S
8
50
11
67
mA
mA
Outputs OFF
Outputs ON
Inputs (IN1-6, PREFST)
H-input voltage
L-input voltage
Hysteresis
H-Input current
L-Input current
Input current
V
IH
V
IL
V
I
I
IH
I
IL
I
I
1.28
0.9
0.27
– 2
– 17
– 2
1.8
1.2
0.6
2.1
1.5
1.0
3.4
1
3
V
V
V
µA
µA
µA
0.9 V <
V
I < 6
V
0.2 V <
V
I < 0.9 V
0 V <
V
I < 6
V;
V
S = 0 V
Power Outputs (Q1-6)
Load Current
Saturation voltage
Saturation voltage
Saturation voltage
Compare voltage
Turn-ON delay time
Turn-OFF delay time
I
Q1-4
V
QSat5, 6
V
QSat1-4
V
QSat1-4
V
com
t
DON
t
DOFF
50
4.1
0.2
0.1
0.5
0.4
1
2
0.95
0.7
0.25
4.7
1.6
3.5
mA
V
V
V
V
µs
µs
V
S = 2 V and resistance from
PREFST to ground < 1 M
I
Q = 0.4 A; output ON
I
Q = 50 mA; output ON
I
Q = 20 mA; output ON
see diagrams
20 mA <
I
Q1-4 < 50 mA,
200 mA <
I
Q5,6 < 500 mA
Overtemp. Protection
Monitoring threshold
Shutdown threshold
hysteresis
Reset threshold
T
thSt
T
tho
T
thRes
150
5
140
155
10
150
°C
K
°C
only switches 5 and 6
are shut down
after shutdown


Similar Part No. - TLE4226G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
More results

Similar Description - TLE4226G

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
TLE4216G SIEMENS-TLE4216G Datasheet
180Kb / 14P
   Intelligent Sixfold Low-Side Switch
TLE4226G SIEMENS-TLE4226G Datasheet
269Kb / 15P
   Intelligent Sixfold Low-Side Switch
logo
International Rectifier
IPS2041RLPBF IRF-IPS2041RLPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1031SPBF IRF-IPS1031SPBF Datasheet
796Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1021PBF IRF-IPS1021PBF Datasheet
799Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS2041LTRPBF IRF-IPS2041LTRPBF Datasheet
1Mb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1031 IRF-AUIPS1031_15 Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
IPS1011 IRF-IPS1011 Datasheet
196Kb / 13P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS1021S IRF-AUIPS1021S Datasheet
641Kb / 17P
   INTELLIGENT POWER LOW SIDE SWITCH
AUIPS2031R IRF-AUIPS2031R Datasheet
246Kb / 14P
   INTELLIGENT POWER LOW SIDE SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com