Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS123W Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # BSS123W
Description  N-Channel Logic Level Enhancement Mode Field Effect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BSS123W Datasheet(HTML) 1 Page - Fairchild Semiconductor

  BSS123W Datasheet HTML 1Page - Fairchild Semiconductor BSS123W Datasheet HTML 2Page - Fairchild Semiconductor BSS123W Datasheet HTML 3Page - Fairchild Semiconductor BSS123W Datasheet HTML 4Page - Fairchild Semiconductor BSS123W Datasheet HTML 5Page - Fairchild Semiconductor BSS123W Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2015 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BSS123W Rev. 1.0
December 2015
BSS123W
N-Channel Logic Level Enhancement Mode Field Effect
Transistor
Features
• 0.17 A, 100 V, RDS(ON) = 6 Ω at VGS = 10 V
RDS(ON) = 10 Ω at VGS = 4.5 V
• High Density Cell Design for Low RDS(ON)
• Rugged and Reliable
• Ultra Small Surface Mount Package
• Very Low Capacitance
• Fast Switching Speed
• Lead Free / RoHS Compliant
Ordering Information
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be opera-
ble above the recommended operating conditions and stressing the parts to these levels is not recommended. In addi-
tion, extended exposure to stresses above the recommended operating conditions may affect device reliability. The
absolute maximum ratings are stress ratings only. Values are at TA = 25°C unless otherwise noted.
Part Number
Marking
Package
Packing Method
BSS123W
SA
SOT-323 3L
Tape and Reel
Symbol
Parameter
Value
Unit
VDSS
Drain-Source Voltage
100
V
VDGR
Drain-Gate Voltage RGS ≤ 20 kΩ
100
V
VGSS
Gate-Source Voltage
±20
V
ID
Drain Current
Continuous
0.17
A
Pulsed
0.68
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
D
S
G
G
S
SOT-323
D
Description
This N-channel enhancement mode field effect transistor
is produced using high cell density, trench MOSFET
technology. This product minimizes on-state resistance
while providing rugged, reliable and fast switching perfor-
mance. This product is particularly suited for low-voltage,
low-current applications such as small servo motor con-
trol, power MOSFET gate drivers, logic level transistor,
high speed line drivers, power management/power sup-
ply and switching applications.


Similar Part No. - BSS123W

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS123W DIODES-BSS123W Datasheet
67Kb / 3P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 2 - 2
BSS123W DIODES-BSS123W Datasheet
92Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30368 Rev. 6 - 2
BSS123W DIODES-BSS123W Datasheet
152Kb / 4P
   N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Rev. 8 - 2 November 2007
logo
FutureWafer Tech Co.,Lt...
BSS123W FUTUREWAFER-BSS123W Datasheet
1Mb / 9P
   N-Channel Enhancement Mode MOSFET
22-May-2021 V2.0
logo
Nanjing International G...
BSS123W DGNJDZ-BSS123W Datasheet
2Mb / 5P
   SOT-323 Plastic-Encapsulate MOSFETS
More results

Similar Description - BSS123W

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HU603AL HSMC-HU603AL Datasheet
60Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Fairchild Semiconductor
BSS123 FAIRCHILD-BSS123 Datasheet
145Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SDU30N03L SAMHOP-SDU30N03L Datasheet
34Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEF07N8 CET-CEF07N8 Datasheet
46Kb / 5P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
SamHop Microelectronics...
SP470C SAMHOP-SP470C Datasheet
99Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STM4840 SAMHOP-STM4840 Datasheet
114Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU666S SAMHOP-STU666S Datasheet
117Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STUD606S SAMHOP-STUD606S Datasheet
136Kb / 8P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STU1553 SAMHOP-STU1553 Datasheet
139Kb / 10P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
STB28N15 SAMHOP-STB28N15 Datasheet
157Kb / 7P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
logo
Diotec Semiconductor
MMFTN123 DIOTEC-MMFTN123 Datasheet
111Kb / 2P
   N-Channel Logic Level Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com