Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1229 Datasheet(PDF) 4 Page - Texas Instruments

Part # LM1229
Description  Compatible CMOS TV RGB and Deflection Processor
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM1229 Datasheet(HTML) 4 Page - Texas Instruments

  LM1229 Datasheet HTML 1Page - Texas Instruments LM1229 Datasheet HTML 2Page - Texas Instruments LM1229 Datasheet HTML 3Page - Texas Instruments LM1229 Datasheet HTML 4Page - Texas Instruments LM1229 Datasheet HTML 5Page - Texas Instruments LM1229 Datasheet HTML 6Page - Texas Instruments LM1229 Datasheet HTML 7Page - Texas Instruments LM1229 Datasheet HTML 8Page - Texas Instruments LM1229 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
OBSOLETE
LM1229
SNOSAH0D – MARCH 2005 – REVISED APRIL 2013
www.ti.com
Video Signal Electrical Characteristics
Unless otherwise noted: TA = 25°C, VCC = +5.0V, VIN = 0.70 VP-P, VABL = VCC, CL = 10 pF, Video Outputs = 2.4 VP-P
(1) (2)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IS
Supply current
No output loading(3)
260
330
mA
IS-PS
Supply current, power save mode
No output loading(3)
100
125
mA
VOB TYP
Active video black level output
No input signal, DC offset = 0x3.
1.25
V
VOB MIN
Active video minimum black level
No input signal, DC offset = 0xF(min)
0.5
V
output
VOB MAX
Active video maximum black level
No input signal, DC offset = 0x0(max)
1.45
V
output
VOB STEP
Active video black level step size
No input signal. Varying DC offset.
65
mV
VOB MIN BRITE
Active video minimum black level
No input signal, DC offset = 0x3,
0.8
V
output
gain = 0x7F, brightness.= 0xFF(min)
VOB MAX BRITE
Active video maximum black level
No input signal, DC offset = 0x3,
1.65
V
output
gain = 0x7F, brightness.= 0x00(max)
VOBB STEP
No input signal, DC offset = 0x3, varying
Active video brightness step size
6.3
mV
brightness
VO MAX
Video in = 0.70 VP-P, contrast = 0x7F,
Maximum video output
4.75
V
brightness = 0x0, DC offset = 0x3
LE
Linearity error
Staircase input signal(4)
5
%
tR
(5)
Video rise time
10% to 90%, AC input signal(6)
8
ns
OSR
Rising edge overshoot
AC input signal(6)
2
%
tF
(5)
Video fall time
90% to 10%, AC input signal(6)
8
ns
OSF
Falling edge overshoot
AC input signal(6)
2
%
BW
Channel bandwidth (
−3 dB)
AC input signal(6)
70
MHz
SEP10 kHz
Video amplifier 10 kHz isolation
See(7)
70
dB
SEP10 MHz
Video amplifier 10 MHz isolation
See(7)
50
dB
AV MAX
Video in = 0.70 VP-P, Maximum contrast
Maximum voltage gain
4.35
V/V
and gain, VABL = 5.0V
AV 50% CONT
Contrast attenuation @ 50%
Maximum gain, VABL = 5.0V
–5.15
dB
AV MIN/
Maximum contrast attenuation.
Maximum gain, VABL = 5.0V
–20.5
dB
AV MAX
AV 50% GAIN
Gain attenuation @ 50%
Maximum contrast, VABL = 5.0V
–4.15
dB
AV MIN GAIN/ AV MAX
Maximum gain attenuation
Maximum contrast, VABL = 5.0V
–12
dB
GAIN
AV MATCH
Maximum gain match between
Maximum contrast, VABL = 5.0V
±0.6
dB
channels
AV TRACK
Gain tracking channel to channel
AC input signal(8)
±0.6
dB
VABL HIGH
ABL control range upper limit
AC input signal(9)
4.5
V
VABL LOW
ABL control range lower limit
AC input signal(9)
2.5
V
(1)
Datasheet min/max specification limits are specified by design, test, or statistical analysis. The ensured specifications apply only for the
test conditions listed. Some performance characteristics may change when the device is not operated under the listed test conditions.
(2)
Typical specifications are specified at +25°C and represent the most likely parametric norm.
(3)
The supply current specified is the quiescent current for VCC = 5V and with RL = ∞. Load resistors are not required and are not used in
the test circuit, therefore all the supply current is used by the pre-amp.
(4)
Linearity Error is the maximum variation in step height of a 16 step staircase input signal waveform with a 0.7 VP-P level at the input. All
16 steps equal, with each at least 100 ns in duration.
(5)
dt/dVCC = 200*(t5.5V–t4.5V)/((t5.5V + t4.5V)) %/V, where: t5.5V is the rise or fall time at VCC = 5.5V, and t4.5V is the rise or fall time at VCC =
4.5V.
(6)
Input from signal generator: tr, tf < 1 ns.
(7)
Measure output levels of the other two undriven amplifiers relative to the driven amplifier to determine channel separation. Terminate the
undriven amplifier inputs to simulate generator loading. Repeat test at fIN = 10 MHz for VSEP 10 MHz.
(8)
ΔAV track is a measure of the ability of any two amplifiers to track each other and quantifies the matching of the three gain stages. It is
the difference in gain change between any two amplifiers with the contrast set to AV 50% and measured relative to the AV MAX condition.
For example, at AV MAX the three amplifiers' gains might be 12.1 dB, 11.9 dB, and 11.8 dB and change to 2.2 dB, 1.9 dB and 1.7 dB
respectively for contrast set to AV 50%. This yields a typical gain change of 10.0 dB with a tracking change of ±0.2 dB.
(9)
The ABL input provides smooth decrease in gain over the operational range of 0 dB to
−5 dB: ΔAABL = AV MAX – AV (VABL = VABL MIN
GAIN). Beyond −5 dB the gain characteristics, linearity and pulse response may depart from normal values.
4
Submit Documentation Feedback
Copyright © 2005–2013, Texas Instruments Incorporated
Product Folder Links: LM1229


Similar Part No. - LM1229

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
LM1229VEC NSC-LM1229VEC Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
LM1229YA NSC-LM1229YA Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
More results

Similar Description - LM1229

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM1229 NSC-LM1229 Datasheet
973Kb / 27P
   I2C Compatible CMOS TV RGB and Deflection Processor
logo
Micronas
SDA9380-B21 MICRONAS-SDA9380-B21 Datasheet
403Kb / 72P
   EDDC Enhanced Deflection Controller and RGB Processor
logo
Hitachi Semiconductor
HA11423 HITACHI-HA11423 Datasheet
52Kb / 2P
   Color TV Deflection Signal Processor
logo
Toshiba Semiconductor
TA1317ANG TOSHIBA-TA1317ANG Datasheet
1Mb / 59P
   Deflection Processor IC for TV
TA1317AFG TOSHIBA-TA1317AFG Datasheet
1Mb / 58P
   Deflection Processor IC for TV
logo
STMicroelectronics
STV2102 STMICROELECTRONICS-STV2102 Datasheet
370Kb / 12P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
STV2001 STMICROELECTRONICS-STV2001 Datasheet
528Kb / 46P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 120 MHz RGB PREAMPLIFIER
logo
Sony Corporation
CXA2025AS SONY-CXA2025AS Datasheet
414Kb / 37P
   Y/C/RGB/Sync/Deflection for Color TV
logo
STMicroelectronics
STV2000 STMICROELECTRONICS-STV2000 Datasheet
265Kb / 38P
   I2C SINGLE FREQUENCY DEFLECTION PROCESSOR AND 70 MHz RGB PREAMPLIFIER
logo
Sony Corporation
CXA2095S SONY-CXA2095S Datasheet
428Kb / 40P
   Y/C/RGB/Sync/Deflection for Color TV
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com