Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2451 Datasheet(PDF) 3 Page - Texas Instruments

Part # LM2451
Description  Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2451 Datasheet(HTML) 3 Page - Texas Instruments

  LM2451 Datasheet HTML 1Page - Texas Instruments LM2451 Datasheet HTML 2Page - Texas Instruments LM2451 Datasheet HTML 3Page - Texas Instruments LM2451 Datasheet HTML 4Page - Texas Instruments LM2451 Datasheet HTML 5Page - Texas Instruments LM2451 Datasheet HTML 6Page - Texas Instruments LM2451 Datasheet HTML 7Page - Texas Instruments LM2451 Datasheet HTML 8Page - Texas Instruments LM2451 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
+220V
+12V
12
CL = 10 pF
50:
Output to
50: Scope
10 PF
0.1 PF
+
7
1,3,5
2451
13,14,15
47 PF
0.1 PF
VADJ
50:
1000:
0.47 PF
0.01 PF
VIN
9,10,11
50:
Test Point
4990: 4990:
0.1 PF
Pulse
Generator
Input
VDAC 2,4,6
8
IK
Note: VDAC < 0.5V
OBSOLETE
LM2451
www.ti.com
SNOSAN7I – AUGUST 2005 – REVISED APRIL 2013
Electrical Characteristics
(See Figure 3 for Test Circuit). Unless otherwise noted: VCC = +220V, VBB = +12V, VDAC = +0.5V, CL = 10 pF, TC = 50°C. DC
Tests: VIN = +2.7VDC. AC Tests: Output = 130VPP (60V – 190V) at 1 MHz.
LM2451
Symbol
Parameter
Conditions
Units
Min
Typ
Max
ICC
Supply Current
No Input Signal, No Video Input, No
10
18
25
mA
Output Load
IBB
Bias Current
18
26
34
mA
VOUT, 1
DC Output Voltage
No AC Input Signal, VIN = 2.7VDC
122
127
132
VDC
VOUT, 2
DC Output Voltage
No AC Input Signal, VIN = 1.2VDC
200
205
210
VDC
VOUT, 3
DC Output Voltage
No AC Input Signal, VIN = 1.2VDC, VDAC =
192
198
204
VDC
1.2VDC
VOUT, 4
DC Output Voltage
No AC Input Signal, VIN = 1.2VDC, VDAC =
154
160
166
VDC
2.7VDC
AV
DC Voltage Gain
No AC Input Signal
−51
−54
−57
V/V
ADAC
DAC Input DC Voltage Gain
No AC Input Signal
−23
−26
−29
V/V
ΔAV
Gain Matching
See(1), No AC Input Signal
1.0
dB
LE
Linearity Error
See(1)(2), No AC Input Signal
8
%
tr
Rise Time
See(3), 10% to 90%
31
ns
+OS
Overshoot
10
%
tf
Fall Time
See(3), 90% to 10%
34
ns
−OS
Overshoot
See(3)
3
%
BWL
Large Signal Bandwidth
VOUT AC = 130 VP-P, VOUT DC = 125 V
12
MHz
BWM
Medium Signal Bandwidth
VOUT AC = 100 VP-P, VOUT DC = 125 V
14
MHz
BWS
Small Signal Bandwidth
VOUT AC = 60 VP-P, VOUT DC = 125 V
16
MHz
IkERROR
Current Output Error
Output Current = 0 µA to 200 µA
−52
0
52
μA
ΔIkERROR
Current Output Difference
Output Current = 0 µA to 200 µA
0
NA
32
μA
Between Channels
(1)
Calculated value from Voltage Gain test on each channel.
(2)
Linearity Error is the variation in DC gain from VIN = 1.10V to VIN = 4.30V.
(3)
Input from signal generator: tr, tf < 10 ns.
AC Test Circuit
Note: 10 pF load includes parasitic capacitance.
Figure 3. Test Circuit (One Channel)
Figure 3 shows a typical test circuit for evaluation of the LM2451. This circuit is designed to allow testing of the
LM2451 in a 50
Ω environment without the use of an expensive FET probe. The two 4990Ω resistors form a
400:1 divider with the 50
Ω resistor and the oscilloscope. A test point is included for easy use of an oscilloscope
probe. The compensation capacitor is used to compensate the network to achieve flat frequency response.
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM2451


Similar Part No. - LM2451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
LM2451TB NSC-LM2451TB Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
More results

Similar Description - LM2451

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2451 NSC-LM2451 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 12 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2450 TI1-LM2450 Datasheet
3Mb / 14P
[Old version datasheet]   Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
logo
National Semiconductor ...
LM2450 NSC-LM2450 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 7 MHz DC Coupled CRT DTV Driver
LM2452 NSC-LM2452 Datasheet
1Mb / 12P
   220V Monolithic Triple Channel 17 MHz DC Coupled CRT DTV Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2425 NSC-LM2425 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 10 MHz CRT DTV Driver
LM2423 NSC-LM2423_06 Datasheet
1Mb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2423 NSC-LM2423 Datasheet
733Kb / 11P
   220V Monolithic Triple Channel 15 MHz CRT DTV Driver
LM2422 NSC-LM2422 Datasheet
603Kb / 8P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
LM2422TE NSC-LM2422TE Datasheet
1Mb / 13P
   220V Monolithic Triple Channel 30 MHz CRT DTV Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com