Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2460 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM2460
Description  Monolithic Triple Channel High Swing CRT Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2460 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM2460 Datasheet HTML 2Page - Texas Instruments LM2460 Datasheet HTML 3Page - Texas Instruments LM2460 Datasheet HTML 4Page - Texas Instruments LM2460 Datasheet HTML 5Page - Texas Instruments LM2460 Datasheet HTML 6Page - Texas Instruments LM2460 Datasheet HTML 7Page - Texas Instruments LM2460 Datasheet HTML 8Page - Texas Instruments LM2460 Datasheet HTML 9Page - Texas Instruments LM2460 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
OBSOLETE
LM2460
SNOSA92B – JUNE 2002 – REVISED APRIL 2013
www.ti.com
ARC PROTECTION
During normal CRT operation, internal arcing may occasionally occur. Spark gaps, in the range of 200V,
connected from the CRT cathodes to CRT ground will limit the maximum voltage, but to a value that is much
higher than allowable on the LM2460. This fast, high voltage, high energy pulse can damage the LM2460 output
stage. The application circuit shown in Figure 10 is designed to help clamp the voltage at the output of the
LM2460 to a safe level. The clamp diodes, D1 and D2, should have a fast transient response, high peak current
rating, low series impedance and low shunt capacitance. FDH400 or equivalent diodes are recommended. Do
not use 1N4148 diodes for the clamp diodes. D1 and D2 should have short, low impedance connections to VCC
and ground respectively. The cathode of D1 should be located very close to a separately decoupled bypass
capacitor (C3 in Figure 10). The ground connection of D2 and the decoupling capacitor should be very close to
the LM2460 ground. This will significantly reduce the high frequency voltage transients that the LM2460 would be
subjected to during an arcover condition. Resistor R2 limits the arcover current that is seen by the diodes while
R1 limits the current into the LM2460 as well as the voltage stress at the outputs of the device. R2 should be a
1/2W solid carbon type resistor. R1 can be a 1/4W metal or carbon film type resistor. Having large value resistors
for R1 and R2 would be desirable, but this has the effect of increasing rise and fall times. Inductor L1 is critical to
reduce the initial high frequency voltage levels that the LM2460 would be subjected to. The inductor will not only
help protect the device but it will also help optimize rise and fall times as well as minimize EMI. For proper arc
protection, it is important to not omit any of the arc protection components shown in Figure 10.
Figure 10. One Channel of the LM2460 with the Recommended Application Circuit
OPTIMIZING TRANSIENT RESPONSE
Referring to Figure 10, there are three components, (R1, R2 and L1) that can be adjusted to optimize the
transient response of the application circuit. Increasing the values of R1 and R2 will slow the circuit down while
decreasing overshoot. Increasing the value of L1 will speed up the circuit as well as increase overshoot. It is very
important to use inductors with very high self-resonant frequencies, perferably above 300 MHz. Ferrite core
inductors from J.W. Miller Magnetics (part # 78FR--K) were used for optimizing the performance of the device in
the TI application board. The values shown in Figure 10 can be used as a good starting point for the evaluation
of the LM2460. Using a variable resistor for R1 will simplify finding the value needed for optimum performance in
a given application. Once the optimum value is determined the variable resistor can be replaced with a fixed
value.
Effect of Load Capacitance
Figure 9 shows the effect of increased load capacitance on the speed of the device. This demonstrates the
importance of knowing the load capacitance in the application. The rise time increased about 0.8 ns for an
increase of 1 pF in the load capacitance. The fall time does remain almost the same as the load capacitance is
increased.
Effect of Offset
Figure 8 shows the variation in rise and fall times when the output offset of the device is varied from 70 to 80
VDC. The rise time has very little increase over its fastest point near 75V. The fall time becomes a little faster as
the offset voltage increases.
6
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM2460


Similar Part No. - LM2460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
LM2460TA NSC-LM2460TA Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
More results

Similar Description - LM2460

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM2460 NSC-LM2460 Datasheet
951Kb / 11P
   Monolithic Triple Channel High Swing CRT Driver
logo
Texas Instruments
LM2470 TI1-LM2470 Datasheet
943Kb / 13P
[Old version datasheet]   Monolithic Triple 7.0 ns High Swing CRT Driver
logo
National Semiconductor ...
LM2471 NSC-LM2471 Datasheet
663Kb / 10P
   Monolithic Triple 4 ns High Swing CRT Driver
logo
Texas Instruments
LM2422TE TI1-LM2422TE Datasheet
846Kb / 15P
[Old version datasheet]   Monolithic Triple Channel 30 MHz CRT DTV Driver
logo
National Semiconductor ...
LM2470 NSC-LM2470 Datasheet
841Kb / 14P
   Monolithic Triple 7.0 ns CRT Driver
LM2405 NSC-LM2405 Datasheet
191Kb / 7P
   Monolithic Triple 7 ns CRT Driver
LM2415 NSC-LM2415 Datasheet
459Kb / 10P
   Monolithic Triple 5.5 ns CRT Driver
LM2439 NSC-LM2439 Datasheet
527Kb / 9P
   Monolithic Triple 9.5 ns CRT Driver
LM2402 NSC-LM2402 Datasheet
816Kb / 11P
   Monolithic Triple 3 ns CRT Driver
LM2412 NSC-LM2412 Datasheet
815Kb / 11P
   Monolithic Triple 2.8 ns CRT Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com