Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4546A Datasheet(PDF) 3 Page - Texas Instruments

Part # LM4546A
Description  AC 97 Rev 2 Multi-Channel Audio Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4546A Datasheet(HTML) 3 Page - Texas Instruments

  LM4546A Datasheet HTML 1Page - Texas Instruments LM4546A Datasheet HTML 2Page - Texas Instruments LM4546A Datasheet HTML 3Page - Texas Instruments LM4546A Datasheet HTML 4Page - Texas Instruments LM4546A Datasheet HTML 5Page - Texas Instruments LM4546A Datasheet HTML 6Page - Texas Instruments LM4546A Datasheet HTML 7Page - Texas Instruments LM4546A Datasheet HTML 8Page - Texas Instruments LM4546A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
OBSOLETE
LM4546A
www.ti.com
SNOS991E – NOVEMBER 2002 – REVISED APRIL 2013
ABSOLUTE MAXIMUM RATINGS
(1) (2)
Supply Voltage
6.0V
Storage Temperature
−65°C to +150°C
Input Voltage
−0.3V to VDD +0.3V
ESD Susceptibility (3)
2000V
Pin 3
750V
ESD Susceptibility (4)
200V
Pin 3
100V
Junction Temperature
150°C
Vapor Phase (60 sec.)
215°C
Soldering Information
LQFP Package
Infrared (15 sec.)
220°C
θJA (typ) – PT
74°C/W
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
(4)
Machine Model, 220 pF – 240 pF discharged through all pins.
OPERATING RATINGS
Temperature Range
TMIN ≤ TA ≤ TMAX
(1)
−40°C ≤ TA ≤ 85°C
Analog Supply Range
4.2V
≤ AVDD ≤ 5.5V
Digital Supply Range
3.0V
≤ DVDD ≤ 5.5V
(1)
The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θJA, and the ambient temperature
TA. The maximum allowable power dissipation is PDMAX = (TJMAX– TA)/θJA or the number given in Absolute Maximum Ratings,
whichever is lower. For the LM4546A, TJMAX = 150°C. The typical junction-to-ambient thermal resistance is 74°C/W for package number
PT
ELECTRICAL CHARACTERISTICS
(1) (2)
The following specifications apply for AVDD = 5V, DVDD = 5V, Sampling Frequency (Fs) = 48 kHz, single codec configuration,
unless otherwise noted. Limits apply for TA= 25°C. The reference for 0 dB is 1 Vrms unless otherwise specified.
LM4546A
Units
Symbol
Parameter
Conditions
(Limits)
Typical(3)
Limit(4)
AVDD
Analog Supply Range
4.2
V (min)
5.5
V (max)
DVDD
Digital Supply Range
3.0
V (min)
5.5
V (max)
DIDD
Digital Quiescent Power Supply Current DVDD = 5 V
43
mA
DVDD = 3.3 V
20
mA
Analog Quiescent Power Supply
AIDD
53
mA
Current
IDSD
Digital Shutdown Current
500
µA
IASD
Analog Shutdown Current
30
µA
VREF
Reference Voltage
2.23
V
PSRR
Power Supply Rejection Ratio
40
dB
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for
which the device is functional, but do not ensure specific performance limits. Electrical Characteristics state DC and AC electrical
specifications under particular test conditions which ensure specific performance limits. This assumes that the device is within the
Operating Ratings. Specifications are not ensured for parameters where no limit is given, however, the typical value is a good indication
of device performance.
(2)
All voltages are measured with respect to the ground pin, unless otherwise specified.
(3)
Typicals are measured at 25°C and represent the parametric norm.
(4)
Limits are specified to AOQL (Average Outgoing Quality Level).
Copyright © 2002–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4546A


Similar Part No. - LM4546A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546AVH NSC-LM4546AVH Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4546A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com