Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4546A Datasheet(PDF) 10 Page - Texas Instruments

Part # LM4546A
Description  AC 97 Rev 2 Multi-Channel Audio Codec
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4546A Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM4546A Datasheet HTML 6Page - Texas Instruments LM4546A Datasheet HTML 7Page - Texas Instruments LM4546A Datasheet HTML 8Page - Texas Instruments LM4546A Datasheet HTML 9Page - Texas Instruments LM4546A Datasheet HTML 10Page - Texas Instruments LM4546A Datasheet HTML 11Page - Texas Instruments LM4546A Datasheet HTML 12Page - Texas Instruments LM4546A Datasheet HTML 13Page - Texas Instruments LM4546A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
OBSOLETE
LM4546A
SNOS991E – NOVEMBER 2002 – REVISED APRIL 2013
www.ti.com
ANALOG I/O (continued)
Name
Pin
I / O
Functional Description
Right Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the right channel of the stereo Input Mux for
conversion by the right channel ADC. It can also be mixed into the right channel of the Stereo Mix 3D
CD_R
20
I
signal at MIX1 under the control of the CD Volume register, 12h. The CD_R level can be muted (along
with CD_L) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is combined into the
Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Line Level Out.
Mono microphone input
Either MIC1 or MIC2 can be muxed to a programmable boost amplifier with selection by the MS bit (bit
D8) in the General Purpose register, 20h. The boost amplifier gain (0 dB or 20 dB) is set by the 20dB
bit (D6) in the Mic Volume register, 0Eh. Nominal input levels at the two gain settings are 1 Vrms and
0.1 Vrms respectively. The amplifier output is selectable (Record Select register, 1Ah) by either the
MIC1
21
I
right or left channels of the Record Select Mux for conversion on either or both channels of the stereo
ADCs. The amplifier output can also be accessed at the stereo mixer MIX1 (muting and mixing
adjustments via Mic Volume register, 0Eh) where it is mixed equally into both left and right channels of
Stereo Mix 3D for access to the stereo outputs Line Out and Line Level Out. Access to the Mono
analog output is selected by a mux controlled by the MIX bit (D9) in General Purpose register, 20h.
Mono microphone input
Either MIC1 or MIC2 can be muxed to a programmable boost amplifier with selection by the MS bit (bit
D8) in the General Purpose register, 20h. The boost amplifier gain (0 dB or 20 dB) is set by the 20dB
bit (D6) in the Mic Volume register, 0Eh. Nominal input levels at the two gain settings are 1 Vrms and
0.1 Vrms respectively. The amplifier output is selectable (Record Select register, 1Ah) by either the
MIC2
22
I
right or left channels of the Record Select Mux for conversion on either or both channels of the stereo
ADCs. The amplifier output can also be accessed at the stereo mixer MIX1 (muting and mixing
adjustments via Mic Volume register, 0Eh) where it is mixed equally into both left and right channels of
Stereo Mix 3D for access to the stereo outputs Line Out and Line Level Out. Access to the Mono
analog output is selected by a mux controlled by the MIX bit (D9) in General Purpose register, 20h.
Left Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the left channel of the stereo Record Select Mux
for conversion by the left channel ADC. It can also be mixed into the left channel of the Stereo Mix 3D
LINE_IN_L
23
I
signal at MIX1 under the control of the Line In Volume register, 10h. The LINE_IN_L level can be
muted (along with LINE_IN_R) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is
combined into the Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Line Level
Out.
Right Stereo Channel Input
This line level input (1 Vrms nominal) is selectable at the right channel of the stereo Input Mux for
conversion by the right channel ADC. It can also be mixed into the right channel of the Stereo Mix 3D
LINE_IN_R
24
I
signal at MIX1 under the control of the Line In Volume register, 10h. The LINE_IN_R level can be
muted (along with LINE_IN_L) or adjusted from +12 dB to -34.5 dB in 1.5 dB steps. Stereo Mix 3D is
combined into the Stereo Mix signal at MIX2 for access to the stereo outputs Line Out and Line Level
Out.
Left Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the left channel of the Stereo Mix signal from MIX2
LINE_OUT_L
35
O
via the Master Volume register, 02h. The LINE_OUT_L amplitude can be muted (along with
LINE_OUT_R) or adjusted from 0 dB to -46.5 dB in 1.5 dB steps.
Right Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the right channel of the Stereo Mix signal from MIX2
LINE_OUT_R
36
O
via the Master Volume register, 02h. The LINE_OUT_R amplitude can be muted (along with
LINE_OUT_L) or adjusted from 0 dB to -46.5 dB in 1.5 dB steps.
Mono Output
This mono line level output (1 Vrms nominal) is fed from either a microphone input (MIC1 or MIC2,
after boost amplifier) or from the mono sum of the left and right Stereo Mix 3D channels from MIX1.
MONO_OUT
37
O
The optional Texas Instruments 3D Sound enhancement can be disabled (default) by the 3D bit (bit
D13) in the General Purpose register, 20h. Choice of input is by the MIX bit (D9) in the same register.
MIX=0 selects a microphone input. Output level can be muted or adjusted from 0 dB to -46.5 dB in 1.5
dB steps via the Mono Volume register, 06h.
10
Submit Documentation Feedback
Copyright © 2002–2013, Texas Instruments Incorporated
Product Folder Links: LM4546A


Similar Part No. - LM4546A

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4546AVH NSC-LM4546AVH Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
More results

Similar Description - LM4546A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4548A TI1-LM4548A Datasheet
676Kb / 34P
[Old version datasheet]   AC 97 Rev 2 Multi-Channel Audio Codec
LM4549A TI1-LM4549A Datasheet
434Kb / 35P
[Old version datasheet]   AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
LM4546 TI1-LM4546 Datasheet
451Kb / 22P
[Old version datasheet]   AC 97 Rev 2 Codec
logo
List of Unclassifed Man...
ES1921 ETC-ES1921 Datasheet
125Kb / 4P
   AC 97 Rev 2.1 Audio CODEC
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Wolfson Microelectronic...
WM9714L WOLFSON-WM9714L_06 Datasheet
1Mb / 94P
   AC 97 Audio CODEC
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
Wolfson Microelectronic...
WM9713 WOLFSON-WM9713 Datasheet
1Mb / 111P
   AC 97 AUDIO TOUCHPANEL CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com