Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4651 Datasheet(PDF) 6 Page - Texas Instruments

Part # LM4651
Description  Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM4651 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM4651 Datasheet HTML 2Page - Texas Instruments LM4651 Datasheet HTML 3Page - Texas Instruments LM4651 Datasheet HTML 4Page - Texas Instruments LM4651 Datasheet HTML 5Page - Texas Instruments LM4651 Datasheet HTML 6Page - Texas Instruments LM4651 Datasheet HTML 7Page - Texas Instruments LM4651 Datasheet HTML 8Page - Texas Instruments LM4651 Datasheet HTML 9Page - Texas Instruments LM4651 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
OBSOLETE
LM4651, LM4652
SNOS507H – MAY 2000 – REVISED APRIL 2013
www.ti.com
Typical Application
Figure 3. Typical Application Circuit and Test Circuit
LM4651 PIN DESCRIPTIONS
Pin No.
Symbol
Description
1
OUT1
The reference pin of the power MOSFET output to the gate drive circuitry.
2,27
BS1,BS2
The bootstrap pin provides extra bias to drive the upper gates, HG1,HG2.
3
HG1
High
−Gate #1 is the gate drive to a top side MOSFET in the H-Bridge.
4
HG2
High
−Gate #2 is the gate drive to a top side MOSFET in the H-Bridge.
5,15
GND
The ground pin for all analog circuitry.
The internally regulated positive voltage output for analog circuitry. This pin is available for internal
6
+6VBYP
regulator bypassing only.
7
+VCC
The positive supply input for the IC.
The internally regulated negative voltage output for analog circuitry. This pin is available for internal
8
−6VBYP
regulator bypassing only.
9
FBKVO
The feedback instrumentation amplifier output pin.
The error amplifier inverting input pin. The input audio signal and the feedback signal are summed at
10
ERRIN
this input pin.
11
ERRVO
The error amplifier output pin.
12
TSD
The thermal shut down input pin for the thermal shut down output of the LM4652.
13
STBY
Standby function input pin. This pin is CMOS compatible.
The feedback instrumentation amplifier pin. This must be connected to the feedback filter from VO1
14
FBK1
(pin 15 on the LM4652 ).
The switching frequency oscillation pin. Adjusting the resistor from 15.5k
Ω to 0Ω changes the
16
OSC
switching frequency from 75kHz to 225kHz.
17
Delay
The dead time setting pin.
6
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM4651 LM4652


Similar Part No. - LM4651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4651 NSC-LM4651 Datasheet
586Kb / 20P
   LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
LM4651 NSC-LM4651 Datasheet
1Mb / 32P
   170W Class D Audio Power Amplifier Solution
LM4651N NSC-LM4651N Datasheet
586Kb / 20P
   LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
LM4651N NSC-LM4651N Datasheet
1Mb / 32P
   170W Class D Audio Power Amplifier Solution
LM4651 NSC-LM4651_09 Datasheet
1Mb / 32P
   170W Class D Audio Power Amplifier Solution
More results

Similar Description - LM4651

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4651 NSC-LM4651_09 Datasheet
1Mb / 32P
   170W Class D Audio Power Amplifier Solution
LM4651 NSC-LM4651 Datasheet
586Kb / 20P
   LM4651 & LM4652 Overture??Audio Power Amplifier 170W Class D Audio Power Amplifier Solution
logo
AiT Semiconductor Inc.
A2323 AITSEMI-A2323 Datasheet
1Mb / 18P
   AUDIO AMPLIFIER 2.65W CLASS-D AUDIO POWER AMPLIFIER
REV3.0
logo
Analog Devices
ADAU1592 AD-ADAU1592 Datasheet
540Kb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1590 AD-ADAU1590_15 Datasheet
1Mb / 24P
   Class-D Audio Power Amplifier
REV. 0
ADAU1592 AD-ADAU1592_15 Datasheet
607Kb / 24P
   Class-D Audio Power Amplifier
REV. A
AD1990 AD-AD1990 Datasheet
389Kb / 16P
   Class-D Audio Power Amplifier
Rev. PrA ??1/20/05
logo
Sanyo Semicon Device
LV49152V SANYO-LV49152V Datasheet
258Kb / 24P
   Class-D Audio Power Amplifier
logo
ON Semiconductor
LV4924VH ONSEMI-LV4924VH Datasheet
436Kb / 15P
   Class-D Audio power Amplifier
May, 2013
logo
International Rectifier
IRAUDAMP9 IRF-IRAUDAMP9_15 Datasheet
4Mb / 39P
   Class D Audio Power Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com