Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LMP8272 Datasheet(PDF) 11 Page - Texas Instruments

Part # LMP8272
Description  Precision Voltage Difference Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP8272 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LMP8272 Datasheet HTML 7Page - Texas Instruments LMP8272 Datasheet HTML 8Page - Texas Instruments LMP8272 Datasheet HTML 9Page - Texas Instruments LMP8272 Datasheet HTML 10Page - Texas Instruments LMP8272 Datasheet HTML 11Page - Texas Instruments LMP8272 Datasheet HTML 12Page - Texas Instruments LMP8272 Datasheet HTML 13Page - Texas Instruments LMP8272 Datasheet HTML 14Page - Texas Instruments LMP8272 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
VS = 4.75 to 5.5V
OUT
LMP8272
+
-
A1
GND
+IN
-IN
A2
GAIN = 2
A1
A2
100 k:
GAIN = 7
C1
VDC
VDC + IRS1
PROPRIETARY
LEVEL-SHIFT
CIRCUITRY
VDC
RS1
I
VDC
VS = 4.75 to 5.5V
OUT
LMP8272
+
-
A1
GND
+IN
-IN
A2
GAIN = 2
A1
A2
100 k:
GAIN = 7
C1
RS1
VDC
VDC - IRS1
I
PROPRIETARY
LEVEL-SHIFT
CIRCUITRY
OBSOLETE
LMP8272
www.ti.com
SNOSAP7F – AUGUST 2005 – REVISED APRIL 2013
The LMP8272 can be used for high side current sensing. The large common mode voltage range of this device
allows it to sense signals outside of its supply voltage range. Also, the LMP8272 has very high CMRR, which
enables it to sense very small signals in presence of larger common mode signals. The system in Figure 26
couples these two characteristics of the LMP8272 in an automotive application. The signal through RS1 is
detected and amplified by LMP8272 in the presence of a common mode signal of up to 16V with highest
accuracy.
Figure 26. High Side Current Sensing
LOW SIDE CURRENT SENSING
Low side current measurements can cause a problem for operational amplifiers by exceeding the negative
common mode voltage limit of the device. In Figure 27, the load current is returning to the power source through
a common connection that has a parasitic resistance. The voltage drop across the parasitic resistances can
cause the ground connection of the measurement circuits to be at a positive voltage with respect to the common
side of the sense resistor. This will result in one or both of the inputs being negative with respect to the circuit’s
ground. The LMP8272 has a wide extended input common mode voltage range of
−2V to 16V and will function in
this condition.
Figure 27. Low Side Current Sensing
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LMP8272


Similar Part No. - LMP8272

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMP8272 NSC-LMP8272 Datasheet
457Kb / 5P
   High Common Mode, Gain of 14, Precision Voltage Difference Amplifiers
More results

Similar Description - LMP8272

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP8275 TI1-LMP8275 Datasheet
392Kb / 15P
[Old version datasheet]   Precision Voltage Difference Amplifier
LMP8270 TI1-LMP8270 Datasheet
438Kb / 17P
[Old version datasheet]   Precision Voltage Difference Amplifier
logo
Analog Devices
AD8209 AD-AD8209_16 Datasheet
364Kb / 16P
   High Voltage, Precision Difference Amplifier
AD8202-KGD AD-AD8202-KGD Datasheet
143Kb / 8P
   High Voltage, Precision Difference Amplifier
Rev. 0
AD8209 AD-AD8209 Datasheet
318Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. 0
logo
Texas Instruments
LMP8276 TI1-LMP8276 Datasheet
412Kb / 16P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
logo
Analog Devices
AD8208 AD-AD8208_V01 Datasheet
344Kb / 20P
   High Voltage, Precision Difference Amplifier
Rev. C
AD8209A AD-AD8209A Datasheet
454Kb / 15P
   High Voltage, Precision Difference Amplifier
AD8208 AD-AD8208 Datasheet
335Kb / 16P
   High Voltage, Precision Difference Amplifier
REV. A
logo
Texas Instruments
LMP8271 TI1-LMP8271 Datasheet
449Kb / 17P
[Old version datasheet]   Bidirectional Precision Voltage Difference Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com