Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SP8K33FRA Datasheet(PDF) 4 Page - Rohm

Part # SP8K33FRA
Description  4V Drive NchNch MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SP8K33FRA Datasheet(HTML) 4 Page - Rohm

  SP8K33FRA Datasheet HTML 1Page - Rohm SP8K33FRA Datasheet HTML 2Page - Rohm SP8K33FRA Datasheet HTML 3Page - Rohm SP8K33FRA Datasheet HTML 4Page - Rohm SP8K33FRA Datasheet HTML 5Page - Rohm SP8K33FRA Datasheet HTML 6Page - Rohm SP8K33FRA Datasheet HTML 7Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
SP8K33
Transistors
4/4
0.01
0.1
1
10
0.0
0.5
1.0
1.5
SOURCE-DRAIN VOLTAGE : VSD (V)
Fig.10 Source Current vs.
Source-Drain Voltage
VGS=0V
Pulsed
Ta= −25°C
Ta=25°C
Ta=75°C
Ta=125°C
Measurement circuit
Fig.11 Switching Time Test Circuit
VGS
RG
VDS
D.U.T.
ID
RL
VDD
Fig.12 Switching Time Waveforms
90%
50%
50%
10%
10%
90%
90%
10%
VGS
VDS
ton
toff
tr
td(on)
tr
td(off)
Pulse Width
Fig.13 Gate Charge Test Circuit
VGS
IG (Const.)
RG
VDS
D.U.T.
ID
RL
VDD
Fig.14 Gate Charge Waveform
VG
VGS
Charge
Qg
Qgs
Qgd
SP8K33FRA


Similar Part No. - SP8K33FRA

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
SP8K33-TB VBSEMI-SP8K33-TB Datasheet
1Mb / 9P
   Dual N-Channel 60 V (D-S) 175 째C MOSFET
More results

Similar Description - SP8K33FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
SH8K5 ROHM-SH8K5_09 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
QS8K13 ROHM-QS8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K11 ROHM-SH8K11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K32 ROHM-SH8K32 Datasheet
182Kb / 5P
   4V Drive NchNch MOSFET
MP6K11 ROHM-MP6K11_11 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K12 ROHM-MP6K12 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
MP6K14 ROHM-MP6K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K13 ROHM-SH8K13 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
SH8K3TB1 ROHM-SH8K3TB1 Datasheet
175Kb / 4P
   4V Drive NchNch MOSFET
SH8K14 ROHM-SH8K14 Datasheet
1Mb / 7P
   4V Drive Nch Nch MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com