Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4941 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # TLE4941
Description  Differential Two-Wire Hall Effect Sensor IC
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4941 Datasheet(HTML) 1 Page - Infineon Technologies AG

  TLE4941 Datasheet HTML 1Page - Infineon Technologies AG TLE4941 Datasheet HTML 2Page - Infineon Technologies AG TLE4941 Datasheet HTML 3Page - Infineon Technologies AG TLE4941 Datasheet HTML 4Page - Infineon Technologies AG TLE4941 Datasheet HTML 5Page - Infineon Technologies AG TLE4941 Datasheet HTML 6Page - Infineon Technologies AG TLE4941 Datasheet HTML 7Page - Infineon Technologies AG TLE4941 Datasheet HTML 8Page - Infineon Technologies AG TLE4941 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Differential Two-Wire Hall Effect Sensor IC
TLE4941
TLE4941C
Features
• Two-wire current interface
• Dynamic self-calibration principle
• Single chip solution
• No external components needed
• High sensitivity
• South and north pole pre-induction possible
• High resistance to piezo effects
• Large operating air-gaps
PSSO2-1
• Wide operating temperature range
TLE 4941C: 1.8nF overmolded capacitor
Type
Marking
Ordering Code
Package
TLE 4941
4100E
Q62705-K427
PSSO2-1
TLE 4941C
41C0E
Q62705-K439
PSSO2-2
The Hall Effect sensor IC TLE4941 is designed to provide information about
rotational speed to modern vehicle dynamics control systems and ABS. The output
has been designed as a two wire current interface. The sensor operates without
external components and combines a fast power-up time with a low cut-off
frequency. Excellent accuracy and sensitivity is specified for harsh automotive
requirements as a wide temperature range, high ESD and EMC robustness. State-of-
the art BiCMOS technology is used for monolithic integration of the active sensor
areas and the signal conditioning circuitry.
Finally, the optimised piezo compensation and the integrated dynamic offset
compensation enable easy manufacturing and elimination of magnet offsets.
The TLE4941C is additionally provided with an overmolded 1.8nF capacitor for
improved EMI performance.


Similar Part No. - TLE4941

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4941-2 INFINEON-TLE4941-2 Datasheet
810Kb / 8P
   Differential Two-Wire Hall Effect Sensor IC
February 2002
TLE4941-2C INFINEON-TLE4941-2C Datasheet
810Kb / 8P
   Differential Two-Wire Hall Effect Sensor IC
February 2002
More results

Similar Description - TLE4941

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4942-2 INFINEON-TLE4942-2 Datasheet
802Kb / 9P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
TLE4953 INFINEON-TLE4953 Datasheet
1Mb / 20P
   Differential Two-Wire Hall Effect Sensor IC
V 4.0, 2010-04
TLE4942-1 INFINEON-TLE4942-1 Datasheet
423Kb / 32P
   Differential Two-Wire Hall Effect Sensor IC
V3.1, February 2005
TLE4953C-E0184 INFINEON-TLE4953C-E0184 Datasheet
1Mb / 8P
   Differential Two Wire Hall Effect sensor IC
V 1.1, 2019-04
TLE4941-2 INFINEON-TLE4941-2 Datasheet
810Kb / 8P
   Differential Two-Wire Hall Effect Sensor IC
February 2002
TLE4942-1C INFINEON-TLE4942-1C Datasheet
713Kb / 31P
   Differential Two-Wire Hall Effect Sensor-IC
V4.0, February 2010
TLE4942 INFINEON-TLE4942 Datasheet
899Kb / 18P
   Differential Two-Wire Hall Effect Sensor IC
Febrary 2002
logo
Micronas
HAL300 MICRONAS-HAL300 Datasheet
140Kb / 17P
   Differential Hall Effect Sensor IC
logo
List of Unclassifed Man...
HAL320 ETC-HAL320 Datasheet
143Kb / 13P
   Differential Hall Effect Sensor IC
logo
Micronas
HAL320 MICRONAS-HAL320 Datasheet
1Mb / 22P
   Differential Hall-Effect Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com