Electronic Components Datasheet Search |
|
MQF45-0-1200-13 Datasheet(PDF) 1 Page - Vectron International, Inc |
|
MQF45-0-1200-13 Datasheet(HTML) 1 Page - Vectron International, Inc |
|
1 / 1 page 18 July 2011 Specification for monolithic crystal filter: M Q F 4 5 . 0 - 1 2 0 0 / 1 3 1. General 1.1. Package ( RoHS compliant ): 1.2. Type name: MQF 45.0-1200/13 1.3. Number of poles: 6 1.4. Operating temperature range: -20°C to +70°C 1.5. Storage temperature range: -45°C to +85°C 2. Electric values 2.1. Nominal centre frequency fo: 45.0 MHz 2.2. Pass band 2.2.1. Bandwidth between 3 dB - frequencies: > fo 6.0 kHz 2.2.2. Ripple: < 2.0 dB at fo 4.0 kHz 2.2.3. Insertion loss: < 4.0 dB ( measured on smallest attenuation in pass band ) 2.3. Stop band 2.3.1. fo 20 kHz > 60 dB 2.3.2. Alternate attenuation fo 910 kHz > 90 dB 2.4. Terminating impedance R//C ( input and output ): 500 // 4.5 pF 2.5. Maximum input power level: 0 dBm / +10 dBm ( working / non-damaged ) 2.6 3-rd order IP3 > +20dBm ( 3-rd order IM products at fo to be - input power -20dBm 80 dB down from both -20 dBm input tones ) - test tones at 25 kHz and 50 kHz 3. Marking: input marker, manufacturer, date code 45.0-1200/13 4. Environment conditions: Corresponding to Vectron standard CF001 5. Packing: bulk ( maximum 225 pcs. / box ) card box dimension: ( 200 x 145 x 35 ) mm ___________________________________________________________________________________ Edited by: date: ___________________________ name: ______________________________ |
Similar Part No. - MQF45-0-1200-13 |
|
Similar Description - MQF45-0-1200-13 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |