Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MQF45-0-3000-15 Datasheet(PDF) 1 Page - Vectron International, Inc

Part # MQF45-0-3000-15
Description  Nominal centre frequency fo: 45.0 MHz
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VECTRON [Vectron International, Inc]
Direct Link  http://www.vectron.com
Logo VECTRON - Vectron International, Inc

MQF45-0-3000-15 Datasheet(HTML) 1 Page - Vectron International, Inc

  MQF45-0-3000-15 Datasheet HTML 1Page - Vectron International, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
08 March 2002
Specification for monolithic crystal filter:
M Q F 4 5 . 0 - 3 0 0 0 / 1 5
1. General
1.1. Package:
1.2.
Type name:
MQF 45.0-3000/15
1.3.
Number of poles:
8
1.4.
Operating temperature range:
-10°C to +55°C
1.5.
Storage temperature range:
-25°C to +85°C
2.
Electric values
2.1.
Nominal centre frequency fo:
45.0 MHz
2.2.
Pass band
2.2.1. Bandwidth between 3 dB - frequencies:
 fo  15 kHz
2.2.2. Ripple:
 2.0 dB at fo  10 kHz
2.2.3. Insertion loss:
 3.5 dB
( measured on smallest attenuation in pass band )
2.3.
Stop band
2.3.1. fo  35 kHz
 70 dB
2.3.2. fo  50 kHz
 90 dB
2.3.3. Alternate attenuation ( fo50 kHz.....500 kHz ):
 90 dB
2.3.4. Spurious responses
> 60 dB
2.4.
Terminating impedance ( input and output ):
470  // 15 pF
3.
Marking:
manufacturer, date code
MQF 45.0-3000/15
OEM marking on demand
4.
Environment conditions:
Corresponding to Vectron standard CF001
______________________________________________________________________________________
Edited by:
date: ___________________________ name: ___________________________________


Similar Part No. - MQF45-0-3000-15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF45-0-3000-14 VECTRON-MQF45-0-3000-14 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results

Similar Description - MQF45-0-3000-15

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
MQF45-0-0750-20 VECTRON-MQF45-0-0750-20 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1200-14 VECTRON-MQF45-0-1200-14 Datasheet
166Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1500-10 VECTRON-MQF45-0-1500-10 Datasheet
69Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1600-08 VECTRON-MQF45-0-1600-08 Datasheet
140Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-2000-18 VECTRON-MQF45-0-2000-18 Datasheet
160Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-2500-02 VECTRON-MQF45-0-2500-02 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-3000-31 VECTRON-MQF45-0-3000-31 Datasheet
181Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-3800-09 VECTRON-MQF45-0-3800-09 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-0750-04 VECTRON-MQF45-0-0750-04 Datasheet
35Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-1500-63 VECTRON-MQF45-0-1500-63 Datasheet
217Kb / 3P
   Nominal centre frequency fo: 45.0 MHz
MQF45-0-2000-17 VECTRON-MQF45-0-2000-17 Datasheet
59Kb / 1P
   Nominal centre frequency fo: 45.0 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com