Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5900-201-2S Datasheet(PDF) 6 Page - Aeroflex Circuit Technology

Part # RHD5900-201-2S
Description  RadHard-by-Design RHD5900 Quad Operational Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5900-201-2S Datasheet(HTML) 6 Page - Aeroflex Circuit Technology

  RHD5900-201-2S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5900-201-2S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5900-201-2S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5900-201-2S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5900-201-2S Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5900-201-2S Datasheet HTML 6Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
SCD5900 Rev G 4/8/13
6
PLAINVIEW, NEW YORK
Toll Free: 800-THE-1553
Fax: 516-694-6715
SE AND MID-ATLANTIC
Tel: 321-951-4164
Fax: 321-951-4254
INTERNATIONAL
Tel: 805-778-9229
Fax: 805-778-1980
WEST COAST
Tel: 949-362-2260
Fax: 949-362-2266
NORTHEAST
Tel: 603-888-3975
Fax: 603-888-4585
CENTRAL
Tel: 719-594-8017
Fax: 719-594-8468
www .aero f lex.co m
in fo-a ms@ aeroflex . com
Aeroflex Microelectronic Solutions reserves the right to
change at any time without notice the specifications, design,
function, or form of its products described herein. All
parameters must be validated for each customer's application
by engineering. No liability is assumed as a result of use of
this product. No patent licenses are implied.
Our passion for performance is defined by three
attributes represented by these three icons:
solution-minded, performance-driven and customer-focused
EXPORT CONTROL:
EXPORT WARNING:
This product is controlled for export under the International Traffic in
Arms Regulations (ITAR). A license from the U.S. Department of
State is required prior to the export of this product from the United
States.
Aeroflex’s military and space products are controlled for export under
the International Traffic in Arms Regulations (ITAR) and may not be
sold or proposed or offered for sale to certain countries. (See ITAR
126.1 for complete information.)
ORDERING INFORMATION
Model
DLA SMD #
Screening
Package
RHD5900-7
-
Commercial Flow, +25°C testing only
16-pin
SOIC Package
RHD5900-S
-
Military Temperature, -55°C to +125°C
Screened in accordance with the individual Test Methods
of MIL-STD-883 for Space Applications
RHD5900-201-1S
5962-1024101KXC
In accordance with DLA SMD
RHD5900-201-2S
5962-1024101KXA
RHD5900-901-1S
5962H1024101KXC
In accordance with DLA Certified RHA Program Plan to
RHA Level "H", 1Mrad(Si)
RHD5900-901-2S
5962H1024101KXA


Similar Part No. - RHD5900-201-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5901-201-1S AEROFLEX-RHD5901-201-1S Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5901-201-2S AEROFLEX-RHD5901-201-2S Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5901-7 AEROFLEX-RHD5901-7 Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5901-901-1S AEROFLEX-RHD5901-901-1S Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
More results

Similar Description - RHD5900-201-2S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5904 AEROFLEX-RHD5904 Datasheet
285Kb / 7P
   RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
   RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5905 AEROFLEX-RHD5905 Datasheet
303Kb / 7P
   RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
RHD5902 AEROFLEX-RHD5902 Datasheet
304Kb / 7P
   RadHard-by-Design RHD5902 Quad Operational Amplifier High Speed with Enables
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5910 AEROFLEX-RHD5910 Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5912 AEROFLEX-RHD5912 Datasheet
320Kb / 6P
   RadHard-by-Design RHD5912 Quad Comparator Open Drain Outputs
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
   RadHard-by-Design RHD5964 Precision Voltage Reference
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com