Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5901-7 Datasheet(PDF) 4 Page - Aeroflex Circuit Technology

Part # RHD5901-7
Description  RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5901-7 Datasheet(HTML) 4 Page - Aeroflex Circuit Technology

  RHD5901-7 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5901-7 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5901-7 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5901-7 Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5901-7 Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5901-7 Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5901-7 Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
SCD5901 Rev F 4/8/13
Aeroflex Plainview
Open Loop Gain 1/AOL
No Load
90
100
dB
Unity Gain Bandwidth 1/UGBW
RL = 10K
4
6.5
MHz
Input Voltage - Enable (EN_AB,
EN_CD)
VHI
High (Enabled)
3.5
V
VLO
Low (Disabled)
1.5
V
Input Current - Enable
(EN_AB, EN_CD)
IEN
10
nA
Channel Separation 2/RL = 2K, f = 1.0KHz
84
dB
Input-Referred Voltage Noise 2/
en
F = 5 kHz
15
nV/
Phase Margin 2/
m
Tc = +25°C, No load
30
Deg
Notes:
1/ Specification derated to reflect Total Dose exposure to 1 Mrad(Si) @ +25°C.
2/ Not tested. Shall be guaranteed by design, characterization, or correlation to other test parameters.
SWITCHING CHARACTERISTICS
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Max
Units
Output Delay (Enabled) 2/
tONEN
500
ns
Output Delay (Disabled) 2/
tOFFEN
100
ns
ELECTRICAL PERFORMANCE CHARACTERISTICS (continued)
(TC = -55°C TO +125°C, +VCC = +5.0V -- UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Conditions
Min
Typ
Max
Units
VCC
50%
VCC
GND
tOFFEN
tONEN
GND
HI Z
HI Z
(EN_AB or EN_CD)
VOUT
FIGURE 3: RHD5901 SWITCHING DIAGRAM
ENABLES
(VOUT_A&B or VOUT_C&D)
Hz


Similar Part No. - RHD5901-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-1S AEROFLEX-RHD5900-201-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-2S AEROFLEX-RHD5900-201-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-1S AEROFLEX-RHD5900-901-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-2S AEROFLEX-RHD5900-901-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
More results

Similar Description - RHD5901-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5904 AEROFLEX-RHD5904 Datasheet
285Kb / 7P
   RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
   RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5905 AEROFLEX-RHD5905 Datasheet
303Kb / 7P
   RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
RHD5902 AEROFLEX-RHD5902 Datasheet
304Kb / 7P
   RadHard-by-Design RHD5902 Quad Operational Amplifier High Speed with Enables
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5910 AEROFLEX-RHD5910 Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5912 AEROFLEX-RHD5912 Datasheet
320Kb / 6P
   RadHard-by-Design RHD5912 Quad Comparator Open Drain Outputs
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
   RadHard-by-Design RHD5964 Precision Voltage Reference
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com