Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5902-201-1S Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD5902-201-1S
Description  RadHard-by-Design RHD5902 Quad Operational Amplifier High Speed with Enables
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5902-201-1S Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD5902-201-1S Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5902-201-1S Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5902-201-1S Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5902-201-1S Datasheet HTML 4Page - Aeroflex Circuit Technology RHD5902-201-1S Datasheet HTML 5Page - Aeroflex Circuit Technology RHD5902-201-1S Datasheet HTML 6Page - Aeroflex Circuit Technology RHD5902-201-1S Datasheet HTML 7Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SCD5902 Rev B
FEATURES
Single power supply operation (3.3V to 5.0V) or dual power supply operation (±1.65 to ±2.5V)
Radiation performance
- Total dose:
> 1 Mrad(Si); Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune
> 100 MeV-cm2/mg
- Neutron Displacement Damage
> 1014 neutrons/cm2
Unity Gain Bandwidth 35 MHz Typical
Rail-to-Rail input and output range
Enable pin to Enable/Disable amplifiers in pairs.
Short Circuit Tolerant
Full military temperature range
Designed for aerospace and high reliability space applications
Packaging – Hermetic ceramic SOIC
- 16-pin, .411"L x .293"W x .105"Ht
- Weight - 0.8 grams max
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
RadHard-by-Design
GENERAL DESCRIPTION
Aeroflex RHD5902 is a radiation hardened, single supply, high speed quad operational amplifier with enable in a
16-pin SOIC package. The RHD5902 design uses specific circuit topology and layout methods to mitigate total
ionizing dose effects and single event latchup. These characteristics make the RHD5902 especially suited for the
harsh environment encountered in Deep Space missions. It is guaranteed operational from -55°C to +125°C.
Available screened in accordance with MIL-PRF-38534 Class K, the RHD5902 is ideal for demanding military
and space applications.
ORGANIZATION AND APPLICATION
The RHD5902 amplifiers are capable of rail-to-rail input and outputs. Performance characteristics listed are for
general purpose operational 5V CMOS amplifier applications. The amplifiers will drive substantial resistive or
capacitive loads and are unity gain stable under normal conditions. Resistive loads in the low kohm range can be
handled without gain derating and capacitive loads of several nF can be tolerated. CMOS device drive has a
negative temperature coefficient and the devices are therefore inherently tolerant to momentary shorts, although
on chip thermal shutdown is not provided. All inputs and outputs are diode protected.
The devices will not latch with SEU events to above 100 MeV-cm2/mg. Total dose degradation is minimal to
above 1 Mrad(Si). Displacement damage environments to neutron fluence equivalents in the mid 1014 neutrons
per cm2 range are readily tolerated. There is no sensitivity to low-dose rate (ELDRS) effects. SEU effects are
application Dependant.
The RHD5902 is configured with enable/disable control. Pairs of amplifiers are put in a power-down condition
with their outputs in a high impedance state. Several useful operational amplifier configurations are supported
where more than one amplifier can feed an output with others disabled.
Standard Products
March 25, 2013
www.aeroflex.com/RHDseries
RHD5902 Quad Operational Amplifier
High Speed with Enables


Similar Part No. - RHD5902-201-1S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-1S AEROFLEX-RHD5900-201-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-201-2S AEROFLEX-RHD5900-201-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-1S AEROFLEX-RHD5900-901-1S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5900-901-2S AEROFLEX-RHD5900-901-2S Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
More results

Similar Description - RHD5902-201-1S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5904 AEROFLEX-RHD5904 Datasheet
285Kb / 7P
   RadHard-by-Design RHD5904 Quad Operational Amplifier Instrumentation Amplifier with Enables
RHD5900 AEROFLEX-RHD5900 Datasheet
281Kb / 6P
   RadHard-by-Design RHD5900 Quad Operational Amplifier
RHD5903 AEROFLEX-RHD5903 Datasheet
353Kb / 6P
   RadHard-by-Design RHD5903 Quad Operational Amplifier Differential Outputs with Enable
RHD5905 AEROFLEX-RHD5905 Datasheet
303Kb / 7P
   RadHard-by-Design RHD5905 Quad Operational Amplifier Instrumentation Differential Amplifier with Enable
RHD5910 AEROFLEX-RHD5910 Datasheet
285Kb / 5P
   RadHard-by-Design RHD5910 Quad Comparator High Speed
RHD5901 AEROFLEX-RHD5901 Datasheet
294Kb / 7P
   RadHard-by-Design RHD5901 Quad Operational Amplifier Hi-Z Output Control
RHD5911 AEROFLEX-RHD5911 Datasheet
257Kb / 5P
   RadHard-by-Design RHD5911 Quad Comparator Clocked
RHD5912 AEROFLEX-RHD5912 Datasheet
320Kb / 6P
   RadHard-by-Design RHD5912 Quad Comparator Open Drain Outputs
RHD5964 AEROFLEX-RHD5964 Datasheet
250Kb / 5P
   RadHard-by-Design RHD5964 Precision Voltage Reference
logo
Texas Instruments
OPA404 TI1-OPA404_15 Datasheet
761Kb / 16P
[Old version datasheet]   Quad High-Speed Precision OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com