Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RHD5931-7 Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # RHD5931-7
Description  RadHard-by-Design RHD5931 Digital-to-Analog Converter 11-Bit Buffered Output
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

RHD5931-7 Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  RHD5931-7 Datasheet HTML 1Page - Aeroflex Circuit Technology RHD5931-7 Datasheet HTML 2Page - Aeroflex Circuit Technology RHD5931-7 Datasheet HTML 3Page - Aeroflex Circuit Technology RHD5931-7 Datasheet HTML 4Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SCD5931 Rev C
VCC PREF
GND NREF
AOUT
D10:D00
11-Bit
D-to-A
Unity Gain
Buffer
FEATURES
?
Radiation performance
- Total dose:
>1 Mrad(Si), Dose rate = 50 - 300 rads(Si)/s
- ELDRS Immune
- SEL Immune:
>100 MeV-cm2/mg
- Neutron Displacement Damage:
>1014 neutrons/cm2
?
11-Bit DAC
?
Buffered Output
?
Single power supply operation at +3.3V to +5V
?
Low Power
?
Full 4-quadrant multiplying DAC
?
CMOS/TTL inputs
?
Full military temperature range
?
Designed for aerospace and high reliability space applications
?
Packaging – Hermetic ceramic SOIC
- 16 leads, 0.411"L x 0.293"W x 0.090"Ht
- Typical Weight 0.8 grams
?
Aeroflex Plainview’s Radiation Hardness Assurance Plan is DLA Certified to MIL-PRF-38534, Appendix G.
RHD5931 Digital-to-Analog Converter
GENERAL DESCRIPTION
The Aeroflex 11-Bit DAC is a standard CMOS R/2R Kelvin resistor network with a buffered output. The
digital inputs, D10(MSB) through D00(LSB), are buffered to drive single-pole double-throw CMOS switches
to apply either the PREF or NREF signals to the 2R legs of the resistor network.
PREF and NREF inputs can be any static or dynamic voltage within the power supply range. The nominal
values for R and 2R are 5K and 10K respectively. The characteristic impedance of the resistor network is
approximately 5K.
The voltage-output configuration of the integrated circuit can be thought of as a digitally controlled voltage
with a value of PREF-NREF with a high output impedance. The output will swing rail-to-rail if unloaded.
Applications include digital potentiometers, programmable voltage sources and a large variety of other
circuits that can be found in many industry references.
www.aeroflex.com/RHDseries
Standard Products
March 17, 2014
Datasheet
RadHard-by-Design
11-Bit Buffered Output
SCHEMATIC SYMBOL


Similar Part No. - RHD5931-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5930-201-1S AEROFLEX-RHD5930-201-1S Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5930-201-2S AEROFLEX-RHD5930-201-2S Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5930-7 AEROFLEX-RHD5930-7 Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5930-901-1S AEROFLEX-RHD5930-901-1S Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
More results

Similar Description - RHD5931-7

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
RHD5930 AEROFLEX-RHD5930 Datasheet
296Kb / 4P
   RadHard-by-Design RHD5930 Digital-to-Analog Converter 11-Bit Ladder Output
RHD5940 AEROFLEX-RHD5940 Datasheet
445Kb / 6P
   RadHard-by-Design RHD5940 14-Bit Analog to Digital Converter
RHD5950 AEROFLEX-RHD5950 Datasheet
420Kb / 8P
   RadHard-by-Design RHD5950 16-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5958 AEROFLEX-RHD5958 Datasheet
470Kb / 8P
   RadHard-by-Design RHD5958 8-Channel Multiplexed 14-Bit Analog-to-Digital Converter
RHD5921 AEROFLEX-RHD5921 Datasheet
333Kb / 6P
   RadHard-by-Design RHD5921 Analog Voltage Multiplexer 16-Channel, Buffered
RHD5928 AEROFLEX-RHD5928 Datasheet
326Kb / 6P
   RadHard-by-Design RHD5928 Analog Multiplexer 8-Channel
logo
Maxwell Technologies
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Texas Instruments
ADS5411IPGPR TI1-ADS5411IPGPR_14 Datasheet
981Kb / 25P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
ADS5411 TI-ADS5411 Datasheet
504Kb / 22P
[Old version datasheet]   11 Bit, 105 MSPS Analog-to-Digital Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com