Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLE4990-E6782 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE4990-E6782
Description  Programmable Linear Output Hall Sensor
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE4990-E6782 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE4990-E6782 Datasheet HTML 6Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 7Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 8Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 9Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 10Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 11Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 12Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 13Page - Infineon Technologies AG TLE4990-E6782 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
TLE4990
Programmable Linear Hall Sensor
Operating Range
Data Sheet
10
V 2.0, 2004-05
4
Operating Range
The following operating conditions must not be exceeded in order to ensure
correct operation of the TLE4990. All parameters specified in the following
sections refer to these operating conditions, unless otherwise noticed.
Table 3
Operating Condition Parameters1)
1) Keeping signal levels within the limits specified in this table, ensures operation without overload conditions.
Parameter
Symbol Limit Values
Unit
Notes
min.
max.
Supply voltage
VDD
4.5
5.5
V
Load resistance
RL
4.7
7
-
k
for OBD parameters 2)
2) OBD= On Board Diagnostics (see Table 12).
Load capacitance
CL
0
50
nF
3)
3) A minimum capacitance of 1 nF is recommended in order to improve the EMC behaviour.
Ambient temperature 4)
4) RTHja ≤ 150 K/W
TA
-40
150
°C


Similar Part No. - TLE4990-E6782

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4990-E6782 INFINEON-TLE4990-E6782 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
More results

Similar Description - TLE4990-E6782

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE4990 INFINEON-TLE4990_05 Datasheet
1Mb / 24P
   Programmable Linear Output Hall Sensor
V 2.4, November 2005
TLE4998C3C INFINEON-TLE4998C3C Datasheet
1Mb / 42P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998P3C INFINEON-TLE4998P3C Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, Sep 2009
TLE4998S INFINEON-TLE4998S Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998S3 INFINEON-TLE4998S3 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4998P3 INFINEON-TLE4998P3 Datasheet
1Mb / 34P
   Programmable Linear Hall Sensor
V 1.0, July 2008
TLE4997 INFINEON-TLE4997_08 Datasheet
2Mb / 34P
   Programmable Linear Hall Sensor
V 2.08, September 2008
TLE4998S3 INFINEON-TLE4998S3_V01 Datasheet
1Mb / 39P
   Programmable Linear Hall Sensor
2004-09-15
TLE4998P3CE1200 INFINEON-TLE4998P3CE1200 Datasheet
1Mb / 32P
   Programmable Linear Hall Sensor
Rev 1.1, September 2009
logo
Micronas
HAL815 MICRONAS-HAL815 Datasheet
407Kb / 24P
   Programmable Linear Hall Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com