Electronic Components Datasheet Search |
|
MLG5-2950F511 Datasheet(PDF) 3 Page - SICK AG |
|
MLG5-2950F511 Datasheet(HTML) 3 Page - SICK AG |
3 / 6 page MLG5-2950F511 | MLG MEASURING AUTOMATION LIGHT GRIDS 2016-01-29 09:44:08 | Online data sheet Subject to change without notice AUTOMATION LIGHT GRIDS | SICK 3 Power consumption sender ≥ 260 mA 2) Power consumption receiver ≥ 280 mA 2) Ripple < 5 Vpp Output current Imax. ≤ 100 mA 3) Output load capacitive 100 nF Output load inductive 1 H Initialization time 1 s Dimensions (W x H x D) 34 mm x 3,064 mm x 29 mm Housing material Aluminum Indication 7-segment display, 7-segment display Synchronization Cable Enclosure rating IP 65 Circuit protection UV connections, reverse polarity protected, Output Q short-circuit protected, Interference pulse suppression Weight ≥ 7.285 kg Front screen PMMA 1) Without load. 2) Without load with 24 V. 3) Typical value. Ambient data Protection class III EMC EN 60947-5-2 Ambient temperature Operation: –25 °C ... +55 °C Storage: –40 °C ... +70 °C Ambient light immunity Direct: 12,500 lx 1) Indirect: 50,000 lx 1) Vibration resistance 5 g, 10 Hz ... 55 Hz (IEC 68-2-6) Shock load 10 g / IEC 68-2-29 / 16 ms 1) Sunlight. |
Similar Part No. - MLG5-2950F511 |
|
Similar Description - MLG5-2950F511 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |