Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

10-R0126PA025SC-M629F40 Datasheet(PDF) 3 Page - Vincotech

Part # 10-R0126PA025SC-M629F40
Description  Clip-in PCB mounting (optional)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

10-R0126PA025SC-M629F40 Datasheet(HTML) 3 Page - Vincotech

  10-R0126PA025SC-M629F40 Datasheet HTML 1Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 2Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 3Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 4Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 5Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 6Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 7Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 8Page - Vincotech 10-R0126PA025SC-M629F40 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
10-RZ126PA025SC-M629F41
10-R0126PA025SC-M629F40
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
5
5,8
6,5
Tj=150°C
Tj=25°C
1,5
1,96
2,4
Tj=150°C
2,28
Tj=25°C
0,01
Tj=150°C
Tj=25°C
200
Tj=150°C
Tj=25°C
66
Tj=150°C
67
Tj=25°C
42
Tj=150°C
43
Tj=25°C
196
Tj=150°C
264
Tj=25°C
71
Tj=150°C
138
Tj=25°C
2,13
Tj=150°C
3,15
Tj=25°C
1,47
Tj=150°C
2,48
Thermal resistance chip to heatsink per chip
RthJH
Phase-Change
Material
1,17
K/W
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,38
K/W
Tj=25°C
1,2
1,90
2,4
Tj=150°C
1,83
Tj=25°C
13
Tj=150°C
17
Tj=25°C
318
Tj=150°C
524
Tj=25°C
2,22
Tj=150°C
4,50
di(rec)max
Tj=25°C
115
/dt
Tj=150°C
92
Tj=25°C
0,86
Tj=150°C
1,78
Thermal resistance chip to heatsink per chip
RthJH
Phase-Change
Material
1,51
K/W
Thermal resistance chip to heatsink per chip
RthJH
Thermal grease
thickness
≤50um
λ = 1 W/mK
1,77
K/W
G
Tj=25°C
Vincotech NTC Reference
B-value
3500
K
B(25/100)
Tj=25°C
3560
K
Tj=25°C
B-value
B(25/50)
Tol. ±3%
120
1430
Tj=25°C
85
V
25
%
4700
5
-5
2
200
15
0
tr
td(off)
VCE=VGE
Erec
QGate
Coss
Crss
Qrr
trr
IGES
tf
Eon
Eoff
td(on)
IRRM
VF
VGE(th)
VCE(sat)
ICES
Rgint
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Integrated Gate resistor
Inverter Transistor
Gate emitter threshold voltage
Value
Conditions
Characteristic Values
µC
mWs
A/µs
f=1MHz
Rgon=16
0
20
15
Rgoff=16
±15
40
25
±15
Turn-on energy loss per pulse
Reverse recovered charge
Inverter Diode
Peak reverse recovery current
Reverse transfer capacitance
Diode forward voltage
Gate charge
Cies
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Collector-emitter cut-off current incl. Diode
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate-emitter leakage current
Collector-emitter saturation voltage
1200
25
0
960
25
25
0,00085
600
600
mW/K
Power dissipation
P
mW
Rated resistance
R
Power dissipation constant
Deviation of R25
∆R/R
Thermistor
Rgon=16
115
none
Tj=25°C
Tj=25°C
Tj=25°C
Tj=25°C
V
ns
A
nC
nA
V
mA
mWs
ns
pF
Tj=25°C
3
Revision: 2
Copyright by Vincotech


Similar Part No. - 10-R0126PA025SC-M629F40

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-R0126PA025SC-M627F40 VINCOTECH-10-R0126PA025SC-M627F40 Datasheet
2Mb / 17P
   Clip-in PCB mounting (optional)
More results

Similar Description - 10-R0126PA025SC-M629F40

ManufacturerPart #DatasheetDescription
logo
Vincotech
10-RZ126PA035SC-M620F41 VINCOTECH-10-RZ126PA035SC-M620F41 Datasheet
2Mb / 16P
   Clip-in PCB mounting (optional)
10-R0126PA015SC-M628F40 VINCOTECH-10-R0126PA015SC-M628F40 Datasheet
2Mb / 16P
   Clip-in PCB mounting (optional)
10-R01126PA008SC-M627F40 VINCOTECH-10-R01126PA008SC-M627F40 Datasheet
2Mb / 17P
   Clip-in PCB mounting (optional)
10-F006PPA020SB-M685B VINCOTECH-10-F006PPA020SB-M685B Datasheet
3Mb / 30P
   Clip in PCB mounting
V23990-P638-A40-PM VINCOTECH-V23990-P638-A40-PM Datasheet
2Mb / 23P
   Clip-in PCB mounting
10-F006PPA006SB-M682B VINCOTECH-10-F006PPA006SB-M682B Datasheet
3Mb / 31P
   Clip in PCB mounting
10-F006PPA020SB01-M685B10 VINCOTECH-10-F006PPA020SB01-M685B10 Datasheet
620Kb / 30P
   Clip in PCB mounting
10-R106PPA020SB01-M934A VINCOTECH-10-R106PPA020SB01-M934A Datasheet
2Mb / 31P
   Clip in PCB mounting
V23990-P700-F40-PM VINCOTECH-V23990-P700-F40-PM Datasheet
419Kb / 17P
   Clip-in PCB mounting
10-F006PPA010SB-M683B VINCOTECH-10-F006PPA010SB-M683B Datasheet
1Mb / 30P
   Clip in PCB mounting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com