Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20-1B06IPB004RC-P952A40 Datasheet(PDF) 2 Page - Vincotech

Part # 20-1B06IPB004RC-P952A40
Description  Sense output of DC-current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

20-1B06IPB004RC-P952A40 Datasheet(HTML) 2 Page - Vincotech

  20-1B06IPB004RC-P952A40 Datasheet HTML 1Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 2Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 3Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 4Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 5Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 6Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 7Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 8Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
20-1B06IPB004RC-P952A40
20-PB06IPB004RC-P952A40Y
datasheet
T j=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Condition
Maximum Ratings
PFC Inverse Diode
Th=80°C
7
Tc=80°C
9
Th=80°C
11
Tc=80°C
17
PFC Diode
Th=80°C
9
Tc=80°C
12
Th=80°C
15
Tc=80°C
23
Inverter Transistor
Th=80°C
4
Tc=80°C
6
Th=80°C
11
Tc=80°C
17
t SC
Tj≤150°C
8
µs
V CC
VGE=15V
400
V
Inverter Diode
Th=80°C
5
Tc=80°C
6
Th=80°C
10
Tc=80°C
15
175
12
±20
175
600
Tj=Tjmax
8
600
Tj=Tjmax
tp limited by Tjmax
DC forward current
V CE
I C
Repetitive peak forward current
Turn off safe operating area
Repetitive peak collector current
Power dissipation
Gate-emitter peak voltage
Collector-emitter break down voltage
Peak Repetitive Reverse Voltage
Tj=Tjmax
650
W
VCE ≤ 600V, Tj ≤Tjmax
A
8
°C
A
A
V
tp limited by Tjmax
W
Tj=Tjmax
30
A
Power dissipation
Maximum Junction Temperature
T jmax
P tot
A
°C
175
650
W
A
A
tp limited by Tjmax
V
V
12
Power dissipation
Repetitive peak forward current
Peak Repetitive Reverse Voltage
Maximum Junction Temperature
Peak Repetitive Reverse Voltage
DC forward current
I F
V RRM
T jmax
Tj=Tjmax
I F
Tj=Tjmax
I FRM
V RRM
DC forward current
P tot
DC collector current
Maximum Junction Temperature
Short circuit ratings
Power dissipation
Maximum Junction Temperature
A
175
°C
Tj=Tjmax
Tj=Tjmax
tp limited by Tjmax
I FRM
P tot
I CRM
T jmax
VGE
V RRM
P tot
I F
T jmax
Surge forward current
I
2t-value
Repetitive peak forward current
I
2 t
I FRM
I FSM
A
2s
A
100
40
A
W
V
°C
V
tp=8,3ms
60 Hz half sine wave
copyright Vincotech
2
08 Jun. 2015 / Revision 1


Similar Part No. - 20-1B06IPB004RC-P952A40

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B06IPB004RC01-P952A45 VINCOTECH-20-1B06IPB004RC01-P952A45 Datasheet
1Mb / 32P
   Input Rectifier, PFC-Boost with integrated PFC-Shunt, PFC-Gate driver and DC-capacitor
More results

Similar Description - 20-1B06IPB004RC-P952A40

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B06IPB006RC01-P953A45 VINCOTECH-20-1B06IPB006RC01-P953A45 Datasheet
1Mb / 8P
   Sense output of DC-current
logo
STMicroelectronics
EVAL-VNH5019-P1 STMICROELECTRONICS-EVAL-VNH5019-P1 Datasheet
94Kb / 3P
   Current sense output proportional to motor current
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
logo
Maxim Integrated Produc...
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
   Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com