Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

20-1B06IPB004RC-P952A40 Datasheet(PDF) 10 Page - Vincotech

Part # 20-1B06IPB004RC-P952A40
Description  Sense output of DC-current
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

20-1B06IPB004RC-P952A40 Datasheet(HTML) 10 Page - Vincotech

Back Button 20-1B06IPB004RC-P952A40 Datasheet HTML 6Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 7Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 8Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 9Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 10Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 11Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 12Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 13Page - Vincotech 20-1B06IPB004RC-P952A40 Datasheet HTML 14Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
20-1B06IPB004RC-P952A40
20-PB06IPB004RC-P952A40Y
datasheet
Figure 6
Output inverter IGBT
Typical switching times as a
function of collector current
t = f(I C)
With an inductive load at
T j =
125
°C
V CE =
400
V
UCC=
15
V
Figure 7
Output inverter FWD
Typical reverse recovery time as a
function of collector current
t rr = f(I C)
At
T j =
25/125
°C
V CE =
400
V
UCC=
15
V
Output Inverter
tf
0,00
0,01
0,10
1,00
0
1
2
3
4
5
6
I C (A)
tdoff
tdon
tr
Tj = Tjmax -25°C
Tj = 25°C
0,0
0,1
0,2
0,3
0,4
0
1
2
3
4
5
6
I C (A)
copyright Vincotech
10
08 Jun. 2015 / Revision 1


Similar Part No. - 20-1B06IPB004RC-P952A40

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B06IPB004RC01-P952A45 VINCOTECH-20-1B06IPB004RC01-P952A45 Datasheet
1Mb / 32P
   Input Rectifier, PFC-Boost with integrated PFC-Shunt, PFC-Gate driver and DC-capacitor
More results

Similar Description - 20-1B06IPB004RC-P952A40

ManufacturerPart #DatasheetDescription
logo
Vincotech
20-1B06IPB006RC01-P953A45 VINCOTECH-20-1B06IPB006RC01-P953A45 Datasheet
1Mb / 8P
   Sense output of DC-current
logo
STMicroelectronics
EVAL-VNH5019-P1 STMICROELECTRONICS-EVAL-VNH5019-P1 Datasheet
94Kb / 3P
   Current sense output proportional to motor current
logo
Richtek Technology Corp...
RT9554A RICHTEK-RT9554A Datasheet
120Kb / 10P
   Battery Output Current Sense Protection IC
logo
Maxim Integrated Produc...
MAX4173T MAXIM-MAX4173T_11 Datasheet
1Mb / 10P
   Low-Cost, SOT23, Voltage-Output, High-Side Current-Sense Amplifier 420μA of supply current
Rev 5; 4/11
logo
American Accurate Compo...
CSRMS1R005DM AAC-CSRMS1R005DM Datasheet
107Kb / 2P
   CURRENT SENSE - Molded Current Sense Resistors
logo
XFMRS Inc.
XF1806-EE5CS XFMRS-XF1806-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF0033-EE5CS XFMRS-XF0033-EE5CS_15 Datasheet
43Kb / 1P
   CURRENT SENSE
XF3206-EE5CS XFMRS-XF3206-EE5CS Datasheet
37Kb / 1P
   Current Sense
XF9806-EE5CS XFMRS-XF9806-EE5CS Datasheet
40Kb / 1P
   Current Sense
XF0153-CS6 XFMRS-XF0153-CS6 Datasheet
52Kb / 1P
   Current Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com