Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70-W212NMA300SC-M208P Datasheet(PDF) 5 Page - Vincotech

Part # 70-W212NMA300SC-M208P
Description  Integrated DC-snubber capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA300SC-M208P Datasheet(HTML) 5 Page - Vincotech

  70-W212NMA300SC-M208P Datasheet HTML 1Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 2Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 3Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 4Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 5Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 6Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 7Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 8Page - Vincotech 70-W212NMA300SC-M208P Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
70-W212NMA300SC-M208P
datasheet
Figure 1
IGBT
Figure 2
IGBT
Typical output characteristics
IC = f(VCE)
IC = f(VCE)
At
At
tp =
350
µs
tp =
350
µs
Tj =
25
°C
Tj =
125
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
IGBT
Figure 4
FWD
Typical transfer characteristics
Typical FWD forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
At
At
tp =
350
µs
tp =
350
µs
VCE =
10
V
Buck
Typical output characteristics
half bridge IGBT and neutral point FWD
0
200
400
600
800
1000
0
1
2
3
4
5
V CE (V)
0
50
100
150
200
250
300
350
0
2
4
6
8
10
12
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
200
400
600
800
1000
0
0,5
1
1,5
2
2,5
3
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
200
400
600
800
1000
0
1
2
3
4
5
V CE (V)
copyright
by Vincotech
5
Revision: 5


Similar Part No. - 70-W212NMA300SC-M208P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA400NB02-M209P62 VINCOTECH-70-W212NMA400NB02-M209P62 Datasheet
5Mb / 30P
   High power screw interface
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
70-W212NMA600NB02-M200P62 VINCOTECH-70-W212NMA600NB02-M200P62 Datasheet
3Mb / 31P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
More results

Similar Description - 70-W212NMA300SC-M208P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600SC-M200P VINCOTECH-70-W212NMA600SC-M200P Datasheet
2Mb / 31P
   Integrated DC-snubber capacitors
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
   Snubber Capacitors
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
M1206TF EFC-M1206TF Datasheet
24Kb / 2P
   Snubber Capacitors Polypropylene
logo
Cornell Dubilier Electr...
SNU102K104R-F CDE-SNU102K104R-F Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com