Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70-W612M3A300SC-M208P Datasheet(PDF) 4 Page - Vincotech

Part # 70-W612M3A300SC-M208P
Description  Integrated DC-snubber capacitors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W612M3A300SC-M208P Datasheet(HTML) 4 Page - Vincotech

  70-W612M3A300SC-M208P Datasheet HTML 1Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 2Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 3Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 4Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 5Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 6Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 7Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 8Page - Vincotech 70-W612M3A300SC-M208P Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
70-W212NMA300SC-M208P
datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Value
Conditions
Characteristic Values
Tj=25°C
1
2,28
2,9
Tj=150°C
2,40
Tj=25°C
480
Tj=150°C
Tj=25°C
309
Tj=150°C
384
Tj=25°C
62
Tj=150°C
152
Tj=25°C
18
Tj=150°C
36
di(rec)max
Tj=25°C
14916
/dt
Tj=150°C
10204
Tj=25°C
4
Tj=150°C
9
Thermal resistance chip to heatsink per chip
RthJH
0,20
Thermal resistance chip to case per chip
RthJC
0,13
Tc=25°C, per switch
Screw M4 - mounting according to valid application note
FSWB1-4TY-M-*-HI
Screw M5 - mounting according to valid application note
FSWB1-4TY-M-*-HI
FSWB1-4TY-M-*-HI
5
Nm
Weight
G
710
g
Terminal connection torque
M
Screw M6 - mounting according to valid application note
2,5
Nm
Mounting torque
M
4
6
Nm
Mounting torque
M
2
2,2
Resistance of Intercon boards (from PCB to PCB using Intercon board)
Rcc'1+EE'
1,5
m
nH
nH
Module Properties
5
Module inductance (from PCB to PCB using Intercon board)
LsCE
3
Module inductance (from chips to PCB)
LsCE
2
-5
µA
V
ns
26/2
nH
m
µF
300
2 * 0,68
14/2
300
mW/K
%
5
A/µs
A
200
Power dissipation constant
Deviation of R100
Power dissipation
P
∆R/R
R100=1486
Rated resistance
R
Stray inductance of on board capacitors
ESL
Thermistor
C value
Peak reverse recovery current
Series resistance of on board capacitors
ESR
Thermal grease
thickness≤50um
λ = 1 W/mK
IRRM
Reverse recovery energy
trr
Qrr
Erec
Reverse recovery time
Peak rate of fall of recovery current
Reverse recovered charge
DC link Capacitor
C
FWD forward voltage
Reverse leakage current
VF
Ir
half bridge FWD ( D1 , D4 )
Rgon=1
±15
1200
350
Tj=25°C
Tj=25°C
Tj=100°C
Tj=25°C
B-value
B(25/50)
Tol. ±3%
Tj=25°C
Tj=25°C
Vincotech NTC Reference
B-value
B(25/100)
Tol. ±3%
K
Tj=25°C
B
K
mW
K/W
mWs
µC
3950
3996
22000
copyright
by Vincotech
4
Revision: 5


Similar Part No. - 70-W612M3A300SC-M208P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W624N3A1K2SC-L400FP VINCOTECH-70-W624N3A1K2SC-L400FP Datasheet
1Mb / 28P
   2400V NPC-topology
More results

Similar Description - 70-W612M3A300SC-M208P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600SC-M200P VINCOTECH-70-W212NMA600SC-M200P Datasheet
2Mb / 31P
   Integrated DC-snubber capacitors
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
logo
Cornell Dubilier Electr...
SNU CDE-SNU Datasheet
203Kb / 2P
   Snubber Capacitors
logo
Electronic Film Capacit...
MF1206TF EFC-MF1206TF Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206TC EFC-M1206TC Datasheet
14Kb / 1P
   Snubber Capacitors Polypropylene
M1206EFR EFC-M1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
MF1206TC EFC-MF1206TC Datasheet
13Kb / 1P
   Snubber Capacitors Polypropylene
MF1206EFR EFC-MF1206EFR Datasheet
16Kb / 1P
   Snubber Capacitors Polypropylene
M1206TF EFC-M1206TF Datasheet
24Kb / 2P
   Snubber Capacitors Polypropylene
logo
Cornell Dubilier Electr...
SNU102K104R-F CDE-SNU102K104R-F Datasheet
107Kb / 1P
   Snubber Capacitors Oil-Filled, Metallic Case for Snubber Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com