Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PH-A280 Datasheet(PDF) 1 Page - TDK Electronics

Part # PH-A280
Description  50-150W, 200 to 425VDC Input DC-DC Converters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

PH-A280 Datasheet(HTML) 1 Page - TDK Electronics

  PH-A280 Datasheet HTML 1Page - TDK Electronics PH-A280 Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
165
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
Note: See Installation Manual for full details, test methods of parameters and application notes
(1) Cycle input or remote on/off to reset
PH-A280 Series
Features
 200 - 425VDC Input
 Base-plate Cooled
 Full Power at 100°C base plate
 Quarter Brick Footprint
50-150W, 200 to 425VDC Input DC-DC Converters
Specifications
Key Market Segments & Applications
Model
Nominal Output Voltage
VDC
3.3V
5V
12V
15V
24V
28V
48V
Input Voltage Range
VDC
200 - 425VDC
Input Current
A
0.42 - 0.62A (model dependant)
Output Voltage Adjustment
VDC
2.97 - 3.96
4 - 6
9.6 - 13.2
12 - 16.5
19.2 - 26.4
22.4 - 30.8
38.4 - 52.8
Ripple & Noise (max) pk-pk
mV
100
100
150
150
240
280
400
Line Regulation (max)
mV
10
10
24
30
48
56
96
Load Regulation (max)
mV
10
10
24
30
48
56
96
Overcurrent Protection
%1
02 - 150% (Constant current style)
Overvoltage Protection (1)
%
130 - 200
125 - 150
115 - 145
115 - 145
115 - 145
115 - 145
115 - 145
Remote Sense
-
Yes
Remote On/Off
-
Yes; Low = ON, Open = OFF
Operating Temperature
oC
-40oC to +100oC Base-plate, -40oC to +85oC Ambient
Storage Temperature
oC
-55oC to +100oC
Temperature Coefficient
%/oC
0.02%/oC
Humidity (non condensing)
%RH
5 - 95% RH Operating and Non Operating
Cooling
-
Conduction (See Installation Manual for heatsink selection)
Withstand Voltage
VAC
Input to Base-plate: 2.5kVAC; Input to Output 3.0kVAC for I min.;
Output to Base-plate: 500VAC for 1 min
Isolation Resistance
-
>100M at 25oC and 70%RH, Output to Base plate 500VDC
Vibration
-
Non Operating, 10-55Hz (sweep for 1 min.)
Amplitude 0.825mm constant (Max 49 m/s2) X,Y,Z 1 hour each
Shock
196.1m/s2
Safety Agency Certifications
-
UL60950-1, CSA60950-1, EN60950-1, CE Mark
Weight (Typ)
g
55
Size (WxHxD)
in (mm)
1.46 x 0.5 x 2.30” (37.2 x 12.7 x 58.3)
Warranty
-
5 Years


Similar Part No. - PH-A280

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH-A TDK-PH-A Datasheet
1Mb / 5P
   1008 to 1512W Power Factor Correction Module
October 11th, 2022 V1
More results

Similar Description - PH-A280

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
PH1200A280 TDK-PH1200A280 Datasheet
1Mb / 5P
   1200W, 200 to 425VDC Input DC-DC Converters
January 13th, 2023 V1
logo
Vicor Corporation
VI-200 VICOR-VI-200_1 Datasheet
762Kb / 5P
   DC-DC Converters 50 to 200 Watts
VI-200 VICOR-VI-200 Datasheet
37Kb / 2P
   DC-DC Converters 50 to 200 Watts
VI-26W-CU VICOR-VI-26W-CU Datasheet
203Kb / 5P
   DC-DC Converters 50 to 200 Watts
logo
Artesyn Technologies
BXB150 ARTESYN-BXB150 Datasheet
51Kb / 2P
   100-150W Wide Input DC/DC Converters
logo
TDK Electronics
CN-B110 TDK-CN-B110 Datasheet
812Kb / 4P
   200-300W, 43 to 160V Input DC-DC Converters
April 29th, 2022 V2
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
logo
TDK Electronics
CN-A24 TDK-CN-A24 Datasheet
112Kb / 2P
   50 & 100W 14.4 to 36VDC Input DC-DC Converters
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
   50 to 60 Watt Wide input DC/DC converters
logo
Toppower Electronic Tec...
TP100 TOPPOWER-TP100 Datasheet
743Kb / 3P
   100W~150W 1.5KVDC Isolated Wide Input Voltage DC/DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com