Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

iEH48025A120V-109-R Datasheet(PDF) 1 Page - TDK Electronics

Part # iEH48025A120V-109-R
Description  300-317W Eighth Brick Converter
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

iEH48025A120V-109-R Datasheet(HTML) 1 Page - TDK Electronics

  iEH48025A120V-109-R Datasheet HTML 1Page - TDK Electronics iEH48025A120V-109-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
141
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
iEH Series
Features
 Standard Eighth Brick Footprint
 36-75, 38-55VDC Inputs
 9.6V, 10.2V, 10.8V or 12V Nominal Outputs
 Through Hole Mounting
 2250VDC Basic Isolation
 Digital adaptive control for fast transient response
 High Operating Efficiency (up to 95.5%)
 Constant Switching Frequency
 Baseplate Cooled
 Parallel Operation (9.6V & 10.2V models)
300-317W Eighth Brick Converter
Model
iEH
Nominal Output Voltage
VDC
9.6
10.2
10.8
12
Input Voltage Range
VDC
45-55
38-55
36-75
36-75*
Ripple & Noise (max) (pk-pk)
(1)
mV
90
175
150
120
Line Regulation (max)
mV
40
40
50
60
Load Regulation (max)
mV
-
-
100
60
Overload Protection Threshold (3)
A
40.5
35
36
29.5
Overvoltage Protection (Typ)
(2) VDC
12.1
12.3
13.1
14.8
Overtemperature Protection
(3)
-
Yes
Remote On / Off
-
Negative Logic
Temperature (operating)
°C
-40 to 125
-40 to 125
-40 to 124
-40 to 130
Temperature (storage)
°C
-55 to 125
-55 to 125
-55 to 125
-55 to 125
Humidity (operating)
%RH
20-95% RH Non condensing
Humidity (storage)
%RH
10-95% RH Non condensing
Cooling
-
Conduction, convection or forced air (see detailed datasheet for derating)
Isolation Voltage
VDC
2250VDC Input to Output, 1500VDC Input to Baseplate
Vibration (non operating)
-
5-50Hz @ 0.5g (4.9m/s2), and
50-500Hz @ 1.5g (14.7m/s2) per Bellcore TR-EOP-000063-5.4.4
Shock
-
196.1m/s2
Safety Agency Approvals
-
UL60950 (US and Canada), CB scheme IEC 60950-1 (2nd edition) AM1,
CE Mark EN 60950-1/A12
Weight (max)
g
50
Size
mm/in.
50.42 x 22.86 x 12.70 / 2.02 x 0.9 x 0.49
Warranty
yrs
3 Years
Specifications
*When operating below 40V input, the module will operate, but load regulation may be out of specification.
(1) See website for detailed specifcation and test methods.
(2) Latching
(3) Non-Latching
Key Market Segments & Applications


Similar Part No. - iEH48025A120V-109-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
IEH48025A120V-103-R TDK-IEH48025A120V-103-R Datasheet
216Kb / 2P
   DC-DC Converters
May 17, 2022
IEH48025A120V-107-R TDK-IEH48025A120V-107-R Datasheet
216Kb / 2P
   DC-DC Converters
May 17, 2022
More results

Similar Description - iEH48025A120V-109-R

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
AVO75B-36S3V3 ARTESYN-AVO75B-36S3V3 Datasheet
1Mb / 26P
   Eighth-brick Converter
AVO250-48S28PB-6L ARTESYN-AVO250-48S28PB-6L Datasheet
929Kb / 23P
   250 Watts Eighth-brick Converter
logo
SynQor Worldwide Headqu...
NQ40X40ETC15 SYNQOR-NQ40X40ETC15 Datasheet
675Kb / 9P
   Eighth-brick DC-DC Converter
PQ30033EGA20 SYNQOR-PQ30033EGA20 Datasheet
548Kb / 14P
   Eighth-brick DC/DC Converter
PQ60033EML15 SYNQOR-PQ60033EML15 Datasheet
518Kb / 13P
   Eighth-brick DC/DC Converter
PQ60033ETL30 SYNQOR-PQ60033ETL30 Datasheet
488Kb / 13P
   Eighth-brick DC/DC Converter
PQ60018EGL20 SYNQOR-PQ60018EGL20 Datasheet
697Kb / 13P
   Eighth-brick DC/DC Converter
BQ55120ETL16 SYNQOR-BQ55120ETL16 Datasheet
577Kb / 13P
   Eighth-brick DC Bus Converter
PQ60120EGL07 SYNQOR-PQ60120EGL07 Datasheet
526Kb / 13P
   Eighth-brick DC/DC Converter
PQ60025EKX20 SYNQOR-PQ60025EKX20 Datasheet
874Kb / 15P
   Eighth-brick DC-DC Converter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com