Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEU8635-12-S Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # BEU8635-12-S
Description  Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

BEU8635-12-S Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  BEU8635-12-S Datasheet HTML 1Page - Aeroflex Circuit Technology BEU8635-12-S Datasheet HTML 2Page - Aeroflex Circuit Technology BEU8635-12-S Datasheet HTML 3Page - Aeroflex Circuit Technology BEU8635-12-S Datasheet HTML 4Page - Aeroflex Circuit Technology BEU8635-12-S Datasheet HTML 5Page - Aeroflex Circuit Technology BEU8635-12-S Datasheet HTML 6Page - Aeroflex Circuit Technology BEU8635-12-S Datasheet HTML 7Page - Aeroflex Circuit Technology BEU8635-12-S Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
SCD8635-12 Rev A 3/3/08
Aeroflex Plainview
5
Additional Commands
Data Load Command
1553B receive commands consist of 2 data words to the
sub-address specified in Table V. Only the first data word is
used.
Telemetry Frame Sync Command
1553B broadcast command on sub-address 17 (any data
word) commands the 8635-12 to refresh its RT address.
Remote Terminal State Command
1553B transmit command on sub-address 21 for one data
word. The reply word will be 4000(Hex), to indicate that the
unit is ready to accept another command or 5000(Hex), to
indicate that the unit is busy and cannot accept another
command.
1553B Data Wrap Around
Sub-address 30 is dedicated to data wrap around as
specified in MIL-STD-1553B.
Supported Mode Codes
The 8635-12 supports the 1553B Mode Codes in Table VI.
1553B Status Flag Bits
The 8635-12 supports the following 1553B status flag bits:
1. Message Error bit
2. Broadcast Message Received bit
All other status bits are set to "0".
Table V – Commands
Item
Function Title
Sub-Address
1st Data Word
of 1553B
Receive
Command
(Hex)
1Reserved
13
-
2Reserved
14
-
3
Reset OVP Latch
15
0400
Table VI – 1553B Mode Codes
Mode Code Name
Mode Code Number
Transmit Status Word
2
Transmitter Shutdown
4
Override Transmitter Shutdown
5
Reset Remote Terminal
8


Similar Part No. - BEU8635-12-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08-S AEROFLEX-BEU8635-08-S Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-24-S AEROFLEX-BEU8635-24-S Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
More results

Similar Description - BEU8635-12-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8638-12 AEROFLEX-BEU8638-12 Datasheet
281Kb / 10P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8636-08 AEROFLEX-BEU8636-08 Datasheet
264Kb / 9P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8640-24 AEROFLEX-BEU8640-24 Datasheet
335Kb / 10P
   Dual Redundant Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8638-08 AEROFLEX-BEU8638-08 Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com