Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEU8635-24-S Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # BEU8635-24-S
Description  Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

BEU8635-24-S Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  BEU8635-24-S Datasheet HTML 1Page - Aeroflex Circuit Technology BEU8635-24-S Datasheet HTML 2Page - Aeroflex Circuit Technology BEU8635-24-S Datasheet HTML 3Page - Aeroflex Circuit Technology BEU8635-24-S Datasheet HTML 4Page - Aeroflex Circuit Technology BEU8635-24-S Datasheet HTML 5Page - Aeroflex Circuit Technology BEU8635-24-S Datasheet HTML 6Page - Aeroflex Circuit Technology BEU8635-24-S Datasheet HTML 7Page - Aeroflex Circuit Technology BEU8635-24-S Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SCD8635 Rev F
BEU8635-24
Cell Management Electronics for Lithium-Ion Battery
Description
The Aeroflex 8635-24 is a Lithium-Ion cell
balancing system. It controls the balancing
of one battery consisting of a series stack
of Lithium-Ion cells to ensure that each cell
is precisely charged to its proper level of
energy
and
to
monitor
each
cell's
operational voltage.
The cell balancing circuitry uses a set of
bilateral DC-DC converters which tie each
cell of a battery to a common share bus.
Cell charge is distributed among the
multiple cells so that the charge of each
cell
is
automatically
matched
to
the
average charge of the other cells.
Features
Cell Balancing to within ±5.0mV
Cell Voltage Monitoring Accuracy
±10.0mV (±20.0mV Space Mission Life)
Total Battery Voltage Monitoring
Accuracy ±0.3% of Full Scale
Supports 24 Lithium-Ion battery cells in
series
Battery Drain Current at Balance
15mA maximum
Discrete output lines for critical signaling
with user definable thresholds:
Overvoltage Protection 4.40V typ
Cell Voltage High
4.20V typ
Cell Voltage Low
3.20V typ
MIL-STD-1553B telemetry for data
logging and monitoring
Safety
The
safety
of
Lithium-Ion
battery
technology requires that extreme care be
taken in the provisions made for cell
charging and cell monitoring.
Precision measurements of each of the
individual cell voltages in the battery stack
and precise charge balancing to each
individual cell are critical.
The
Aeroflex
8635-24
provides
the
necessary
precision
of
control
and
monitoring to ensure that safety.
Discrete logic outputs are provided for
critical signaling, enabling the user to
initiate
load
shedding
and/or
to
halt
charging.
Low operating losses enable continuous
operation. Continuous balancing provides
maximum protection against any one cell
becoming overcharged.
Cell Voltage Monitoring and Telemetry
www.aeroflex.com/BEU
March 3, 2008
Balancing for 24-Cell Battery


Similar Part No. - BEU8635-24-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08-S AEROFLEX-BEU8635-08-S Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12-S AEROFLEX-BEU8635-12-S Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
More results

Similar Description - BEU8635-24-S

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8637-08 AEROFLEX-BEU8637-08 Datasheet
248Kb / 9P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8640-24 AEROFLEX-BEU8640-24 Datasheet
335Kb / 10P
   Dual Redundant Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8636-08 AEROFLEX-BEU8636-08 Datasheet
264Kb / 9P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8638-12 AEROFLEX-BEU8638-12 Datasheet
281Kb / 10P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8638-08 AEROFLEX-BEU8638-08 Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com