Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BEU8637-08 Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # BEU8637-08
Description  Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

BEU8637-08 Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  BEU8637-08 Datasheet HTML 1Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 2Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 3Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 4Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 5Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 6Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 7Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 8Page - Aeroflex Circuit Technology BEU8637-08 Datasheet HTML 9Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
SCD8637-08 Rev A 3/21/08
Aeroflex Plainview
2
Block Diagram
7
12
+
-
+
-
+
-
+
-
+
-
ON
OFF
+30 VDC
Channel B
1553B
LOW
CELL
OVP
HIGH
CELL
Channel A
1553B
+12VDC
+12VDC
-12VDC
+5VDC
(ISOLATED)
SHARE BUS
MON
CLK
BAL
CLK
SELECT
MUX
VIN
CELL BALANCE
BOARD
BATTERY
8 CELLS
CONTROL BOARD
4.000V
REFERENCE
PRECISION
RELAY
XFMR
XFMR
XCVR
A/D
12-BIT
MUX
BALANCING
CIRCUIT
1
BALANCING
CIRCUIT
2
BALANCING
CIRCUIT
3
BALANCING
CIRCUIT
4
BALANCING
CIRCUIT
2
BALANCING
CIRCUIT
8
POWER
SUPPLY
7
12
+
-
+
-
+
-
+
-
+
-
ON
OFF
+30 VDC
Channel B
1553B
LOW
CELL
OVP
HIGH
CELL
Channel A
1553B
+12VDC
+12VDC
-12VDC
+5VDC
(ISOLATED)
SHARE BUS
MON
CLK
BAL
CLK
SELECT
MUX
VIN
BATTERY
8 CELLS
CONTROL BOARD
4.000V
REFERENCE
PRECISION
RELAY
XFMR
XFMR
XCVR
BALANCING
CIRCUIT
CLOCK
DRIVER
CONTROLLER
BALANCING
CIRCUIT
13
BALANCING
CIRCUIT
2
BALANCING
CIRCUIT
15
BALANCING
CIRCUIT
16
BALANCING
CIRCUIT
14
BALANCING
CIRCUIT
20
POWER
SUPPLY
BALANCING
CIRCUIT
CLOCK
DRIVER
CONTROLLER
A/D
12-BIT
DIFF. AMPS
VOLTAGE
BATTERY
(3x)
HI AND LO
BATTERY
2 2 2
MUX
DIFF. AMPS
VOLTAGE
BATTERY
(3x)
HI AND LO
BATTERY
2 2 2


Similar Part No. - BEU8637-08

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8637-12-S AEROFLEX-BEU8637-12-S Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
More results

Similar Description - BEU8637-08

ManufacturerPart #DatasheetDescription
logo
Aeroflex Circuit Techno...
BEU8637-12 AEROFLEX-BEU8637-12 Datasheet
254Kb / 9P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry
BEU8638-08 AEROFLEX-BEU8638-08 Datasheet
285Kb / 10P
   Independent Balancing for Two 8-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8638-12 AEROFLEX-BEU8638-12 Datasheet
281Kb / 10P
   Independent Balancing for Two 12-Cell Batteries Cell Voltage Monitoring and Telemetry Cell Bypass Relay Drivers
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8636-08 AEROFLEX-BEU8636-08 Datasheet
264Kb / 9P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-12 AEROFLEX-BEU8636-12 Datasheet
253Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8636-24 AEROFLEX-BEU8636-24 Datasheet
255Kb / 9P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
BEU8640-24 AEROFLEX-BEU8640-24 Datasheet
335Kb / 10P
   Dual Redundant Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry Reconditioning Load Control Cell Bypass Relay Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com