Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70-W212NMA400SC-M209P Datasheet(PDF) 9 Page - Vincotech

Part # 70-W212NMA400SC-M209P
Description  Mixed voltage NPC
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA400SC-M209P Datasheet(HTML) 9 Page - Vincotech

Back Button 70-W212NMA400SC-M209P Datasheet HTML 5Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 6Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 7Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 8Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 9Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 10Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 11Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 12Page - Vincotech 70-W212NMA400SC-M209P Datasheet HTML 13Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
70-W212NMA400SC-M209P
datasheet
Figure 17
FWD
Figure 18
FWD
Typical rate of fall of forward
Typical rate of fall of forward
and reverse recovery current as a
and reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
dI0/dt,dIrec/dt = f(Ic)
dI0/dt,dIrec/dt = f(Rgon)
At
At
Tj =
25/125
°C
Tj =
25/125
°C
VCE =
350
V
VR =
350
V
VGE =
±15
V
IF =
400
A
Rgon =
1
VGE =
±15
V
Figure 19
IGBT
Figure 20
FWD
IGBT transient thermal impedance
FWD transient thermal impedance
as a function of pulse width
as a function of pulse width
ZthJH = f(tp)
ZthJH = f(tp)
At
At
D =
tp / T
D =
tp / T
RthJH =
0,13
K/W
RthJH =
0,23
K/W
IGBT thermal model values
FWD thermal model values
R (C/W)
Tau (s)
R (C/W)
Tau (s)
0,06
2,5E+00
0,05
5,2E+00
0,03
4,7E-01
0,07
1,1E+00
0,03
3,9E-02
0,02
2,0E-01
0,01
1,2E-02
0,06
4,6E-02
0,00
1,2E-03
0,02
1,7E-02
Buck
half bridge IGBT and neutral point FWD
Thermal grease
Thermal grease
t p (s)
10
0
10
-1
10
-2
10
-3
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
t p (s)
10
0
10
-1
10
-2
10
-3
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
2
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0.000
dIrec/dt T
dI0/dt T
0
2000
4000
6000
8000
10000
12000
0
2
4
6
8
10
R gon ( )
dI0/dt T
dIrec/dt T
0
2000
4000
6000
8000
10000
0
200
400
600
800
I C (A)
copyright
by Vincotech
9
Revision: 7


Similar Part No. - 70-W212NMA400SC-M209P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA400SC03-M209P03 VINCOTECH-70-W212NMA400SC03-M209P03 Datasheet
3Mb / 29P
   Integrated DC-snubber capacitors
More results

Similar Description - 70-W212NMA400SC-M209P

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600NB02-M200P62 VINCOTECH-70-W212NMA600NB02-M200P62 Datasheet
3Mb / 31P
   Mixed voltage NPC
70-W212NMA600SC03-M200P03 VINCOTECH-70-W212NMA600SC03-M200P03 Datasheet
3Mb / 29P
   Mixed voltage NPC
70-W212NMC400SH01-M709P VINCOTECH-70-W212NMC400SH01-M709P Datasheet
1Mb / 30P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FY12NMA160SH01-M820F VINCOTECH-10-FY12NMA160SH01-M820F Datasheet
1Mb / 9P
   mixed voltage NPC Application
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
10-FZ06NIA075SA-P926F33 VINCOTECH-10-FZ06NIA075SA-P926F33 Datasheet
1Mb / 9P
   NPC Application
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com