Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M37733MHLXXXHP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M37733MHLXXXHP
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733MHLXXXHP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M37733MHLXXXHP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M37733MHLXXXHP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 27 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
8
MITSUBISHI MICROCOMPUTERS
M37733MHLXXXHP
SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
VCC = 5 V,
f(XIN) = 12 MHz (square waveform),
(f(f2) = 6 MHz),
f(XCIN) = 32.768 kHz,
in operating (Note 1)
VCC = 3 V,
f(XIN) = 12 MHz (square waveform),
(f(f2) = 6 MHz),
f(XCIN) = 32.768 kHz,
in operating (Note 1)
VCC = 3 V,
f(XIN) = 12 MHz (square waveform),
(f(f2) = 0.75 MHz),
f(XCIN) : Stopped,
in operating
VCC = 3 V,
f(XIN) = 12 MHz (square waveform),
f(XCIN) = 32.768 kHz,
when a WIT instruction is executed (Note 2)
VCC = 3 V,
f(XIN) : Stopped,
f(XCIN) = 32.768 kHz,
in operating (Note 3)
VCC = 3 V,
f(XIN) : Stopped,
f(XCIN) = 32.768 kHz,
when a WIT instruction is executed (Note 4)
Ta = 25 °C,
when clock is stopped
Ta = 85 °C,
when clock is stopped
mA
mA
mA
µA
µA
µA
µA
µA
Max.
9
6
0.8
12
60
6
1
20
Limits
Typ.
4.5
3
0.4
6
30
3
Unit
Min.
Test conditions
Symbol
Parameter
ELECTRICAL CHARACTERISTICS (Vcc = 5 V, Vss = 0 V, Ta = –40 to +85 °C, unless otherwise noted)
When single-chip
mode, output pins
are open, and
other pins are VSS.
Power source
current
ICC
Limits
Min.
Typ.
Max.
Resolution
VREF = VCC
10
Bits
Absolute accuracy
VREF = VCC
± 3
LSB
RLADDER
Ladder resistance
VREF = VCC
10
25
k
tCONV
Conversion time
19.6
µs
VREF
Reference voltage
2.7
VCC
V
VIA
Analog input voltage
0
VREF
V
Symbol
Parameter
Test conditions
Unit
A–D CONVERTER CHARACTERISTICS
(VCC = AVCC = 5 V, VSS = AVSS = 0 V, Ta = –40 to +85 °C, f(XIN) = 12 MHz, unless otherwise noted (Note))
Note. This applies when the main clock division selection bit = “0” and f(f2) = 6 MHz.
Notes 1. This applies when the main clock external input selection bit = “1”, the main clock division selection bit = “0”, and the signal output stop
bit = “1”.
2. This applies when the main clock external input selection bit = “1” and the system clock stop bit at wait state = “1”.
3. This applies when CPU and the clock timer are operating with the sub clock (32.768 kHz) selected as the system clock.
4. This applies when the XCOUT drivability selection bit = “0” and the system clock stop bit at wait state = “1”.


Similar Part No. - M37733MHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37733MHLXXXHP MITSUBISHI-M37733MHLXXXHP Datasheet
588Kb / 27P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
M37733MHLXXXHP RENESAS-M37733MHLXXXHP Datasheet
759Kb / 28P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results

Similar Description - M37733MHLXXXHP

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXP922000 SONY-CXP922000 Datasheet
146Kb / 6P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M30621FCMGP MITSUBISHI-M30621FCMGP Datasheet
594Kb / 24P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXP913040 SONY-CXP913040 Datasheet
307Kb / 26P
   CMOS 16-bit Single Chip Microcomputer
logo
Mitsubishi Electric Sem...
M32C MITSUBISHI-M32C Datasheet
5Mb / 441P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M30620MCM MITSUBISHI-M30620MCM Datasheet
414Kb / 33P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37735MHB MITSUBISHI-M37735MHB Datasheet
1Mb / 90P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M37733M4LXXXHP MITSUBISHI-M37733M4LXXXHP Datasheet
469Kb / 31P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
16C26 RENESAS-16C26 Datasheet
238Kb / 39P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M306V8FJFP RENESAS-M306V8FJFP Datasheet
3Mb / 365P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C30 RENESAS-M16C30_02 Datasheet
2Mb / 178P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
M16C62 RENESAS-M16C62 Datasheet
3Mb / 231P
   SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com