Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70-W212NMA600NB02-M200P62 Datasheet(PDF) 2 Page - Vincotech

Part # 70-W212NMA600NB02-M200P62
Description  Mixed voltage NPC
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

70-W212NMA600NB02-M200P62 Datasheet(HTML) 2 Page - Vincotech

  70-W212NMA600NB02-M200P62 Datasheet HTML 1Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 2Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 3Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 4Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 5Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 6Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 7Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 8Page - Vincotech 70-W212NMA600NB02-M200P62 Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
70-W212NMA600NB02-M200P62
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
neutral point IGBT (T2, T3) ( T2 , T3 )
tSC
Tj≤150°C
10
µs
VCC
VGE=15V
360
V
half bridge FWD (D1, D4) ( D1 , D4 )
IFSM
1100
A
I
2t
3026
A
2s
344
629
272
596
°C
V
A
A
1200
1200
Th=80°C
tp limited by Tjmax
Repetitive peak forward current
Th=80°C
Tj=Tjmax
Peak Repetitive Reverse Voltage
IF
Tj=Tjmax
VRRM
Icmax
Tjmax
Surge forward current
DC forward current
Tvj max= 150°C
Ptot
Tjmax
IFRM
Power dissipation per FWD
Maximum Junction Temperature
Tj=150°C
I2t-value
650
1200
Th=80°C
175
±20
800
V
VGE
Tj=Tjmax
tp=10ms , sin 180°
Th=80°C
tp limited by Tjmax
Tj=Tjmax
VCE max = 1200V
175
°C
A
V
W
A
A
W
Maximum Junction Temperature
Short circuit ratings
Pulsed collector current
DC collector current
Gate-emitter peak voltage
Power dissipation per IGBT
Turn off safe operating area (RBSOA)
Collector-emitter break down voltage
Ptot
VCE
IC
ICpuls
copyright
by Vincotech
2
Revision: 1.2


Similar Part No. - 70-W212NMA600NB02-M200P62

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
More results

Similar Description - 70-W212NMA600NB02-M200P62

ManufacturerPart #DatasheetDescription
logo
Vincotech
70-W212NMA600SC03-M200P03 VINCOTECH-70-W212NMA600SC03-M200P03 Datasheet
3Mb / 29P
   Mixed voltage NPC
70-W212NMC400SH01-M709P VINCOTECH-70-W212NMC400SH01-M709P Datasheet
1Mb / 30P
   Mixed voltage NPC
70-W212NMA400SC-M209P VINCOTECH-70-W212NMA400SC-M209P Datasheet
3Mb / 28P
   Mixed voltage NPC
70-W212NMA600NB04-M200P60 VINCOTECH-70-W212NMA600NB04-M200P60 Datasheet
2Mb / 31P
   Mixed voltage NPC
10-FY12NMA160SH01-M820F18 VINCOTECH-10-FY12NMA160SH01-M820F18 Datasheet
7Mb / 26P
   mixed voltage NPC topology
10-FY12NMA080SH-M427F VINCOTECH-10-FY12NMA080SH-M427F Datasheet
3Mb / 30P
   Mixed voltage NPC topology
10-FY12NMA160SH01-M820F VINCOTECH-10-FY12NMA160SH01-M820F Datasheet
1Mb / 9P
   mixed voltage NPC Application
10-FZ07NMA100SM-M265F58 VINCOTECH-10-FZ07NMA100SM-M265F58 Datasheet
3Mb / 29P
   Mixed voltage NPC topology
10-FZ06NIA075SA-P926F33 VINCOTECH-10-FZ06NIA075SA-P926F33 Datasheet
1Mb / 9P
   NPC Application
10-FY07NIA100S503-M515F58 VINCOTECH-10-FY07NIA100S503-M515F58 Datasheet
439Kb / 7P
   NPC inverter topology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com