Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

80-M006PNB010SA-K615 Datasheet(PDF) 11 Page - Vincotech

Part # 80-M006PNB010SA-K615
Description  Solderless interconnection
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

80-M006PNB010SA-K615 Datasheet(HTML) 11 Page - Vincotech

Back Button 80-M006PNB010SA-K615 Datasheet HTML 7Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 8Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 9Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 10Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 11Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 12Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 13Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 14Page - Vincotech 80-M006PNB010SA-K615 Datasheet HTML 15Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
80-M006PNB010SA*-K615*
datasheet
Figure 1
Rectifier Diode
Figure 2
Rectifier Diode
Typical diode forward current as
Diode transient thermal impedance
a function of forward voltage
as a function of pulse width
I F= f(V F)
Z th(j-s) = f(t p)
t p =
250
µs
D
=
t p / T
R th(j-s) =
1,5
K/W
Figure 3
Rectifier Diode
Figure 4
Rectifier Diode
Power dissipation as a
Forward current as a
function of heatsink temperature
function of heatsink temperature
P tot = f(T s)
I F = f(T s)
T j =
150
ºC
T j =
150
ºC
Rectifier Diode
0
15
30
45
60
75
0,0
0,5
1,0
1,5
2,0
2,5
3,0
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
t p (s)
10
1
10
0
10
-1
10
-2
10
-4
10
-3
10
-2
10
-1
10
0
10
1
10
10
-5
D = 0,5
0,2
0,1
0,05
0,02
0,01
0,005
0,000
0
15
30
45
60
75
90
105
0
30
60
90
120
150
T s (
o C)
0
5
10
15
20
25
30
0
30
60
90
120
150
T s (
o C)
12 Jan. 2016 / Revision 3
copyright Vincotech
11


Similar Part No. - 80-M006PNB010SA-K615

ManufacturerPart #DatasheetDescription
logo
Vincotech
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
More results

Similar Description - 80-M006PNB010SA-K615

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K420-A40-PM VINCOTECH-V23990-K420-A40-PM Datasheet
1Mb / 18P
   Solderless interconnection
80-M006PNB010SA-K615C VINCOTECH-80-M006PNB010SA-K615C Datasheet
311Kb / 17P
   Solderless interconnection
80-M012PNB008SC-K619C41 VINCOTECH-80-M012PNB008SC-K619C41 Datasheet
314Kb / 17P
   Solderless interconnection
V23990-K220-A40-P1-14 VINCOTECH-V23990-K220-A40-P1-14 Datasheet
511Kb / 22P
   Solderless interconnection
V23990-K229-A41-D3-14 VINCOTECH-V23990-K229-A41-D3-14 Datasheet
393Kb / 22P
   Solderless interconnection
V23990-K420-A40-P1-14 VINCOTECH-V23990-K420-A40-P1-14 Datasheet
458Kb / 22P
   Solderless interconnection
80-M006PNB006SA-K614C VINCOTECH-80-M006PNB006SA-K614C Datasheet
313Kb / 17P
   Solderless interconnection
80-M006PNB006SA-K614 VINCOTECH-80-M006PNB006SA-K614_16 Datasheet
945Kb / 17P
   Solderless interconnection
80-M3126BA140SC02-K489G40 VINCOTECH-80-M3126BA140SC02-K489G40 Datasheet
1Mb / 21P
   Solderless interconnection
V23990-K229-A40-P3-14 VINCOTECH-V23990-K229-A40-P3-14 Datasheet
481Kb / 22P
   Solderless interconnection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com