Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F112R6A050SC Datasheet(PDF) 3 Page - Vincotech

Part # F112R6A050SC
Description  Very compact housing, easy to route
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

F112R6A050SC Datasheet(HTML) 3 Page - Vincotech

  F112R6A050SC Datasheet HTML 1Page - Vincotech F112R6A050SC Datasheet HTML 2Page - Vincotech F112R6A050SC Datasheet HTML 3Page - Vincotech F112R6A050SC Datasheet HTML 4Page - Vincotech F112R6A050SC Datasheet HTML 5Page - Vincotech F112R6A050SC Datasheet HTML 6Page - Vincotech  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
F112R6A050SC
target datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
1.11
1.7
Tj=125°C
1.04
Tj=25°C
0.91
Tj=125°C
0.78
Tj=25°C
4
Tj=125°C
5
Tj=25°C
0.05
Tj=125°C
1.1
Thermal resistance chip to heatsink per chip
RthJH
0.74
Thermal resistance chip to heatsink per chip
RthJC
0.49
Tj=25°C
5
5.8
6.5
Tj=150°C
Tj=25°C
1.86
2.3
Tj=150°C
2.3
Tj=25°C
0.02
Tj=150°C
Tj=25°C
200
Tj=150°C
Tj=25°C
104
Tj=150°C
100
Tj=25°C
19
Tj=150°C
23.8
Tj=25°C
220
Tj=150°C
295
Tj=25°C
78
Tj=150°C
118
Tj=25°C
2.86
Tj=150°C
4.5
Tj=25°C
2.69
Tj=150°C
4.48
Thermal resistance chip to heatsink per chip
RthJH
0.58
Thermal resistance chip to case per chip
RthJC
0.38
Tj=25°C
1.35
1.90
2.35
Tj=150°C
1.91
Tj=25°C
Tj=150°C
16.06
Tj=25°C
Tj=150°C
433.4
Tj=25°C
Tj=150°C
2.75
di(rec)max
Tj=25°C
/dt
Tj=150°C
109
Tj=25°C
Tj=150°C
1.16
Thermal resistance chip to heatsink per chip
RthJH
2.52
Thermal resistance chip to case per chip
RthJC
tbd.
Thermal grease
thickness
≤50um
λ = 1 W/mK
4
Tj=25°C
290
2770
V
15
±15
0
tr
td(off)
VCE=VGE
Thermal grease
thickness
≤50um
λ = 1 W/mK
QGate
Erec
Coss
Crss
Qrr
trr
IGES
tf
Eon
Eoff
td(on)
IRRM
VF
VGE(th)
VCE(sat)
ICES
Rgint
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Integrated Gate resistor
Inverter Transistor
Gate emitter threshold voltage
Value
Conditions
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
Slope resistance (for power loss calc. only)
VF
Vto
rt
Blocking Diode
50
50
50
K/W
V
V
m
mA
Reverse current
Ir
μC
mWs
A/
μs
K/W
f=1MHz
Rgon=8
0
20
15
Rgoff=8
±15
15
±15
Turn-on energy loss per pulse
Reverse recovered charge
Inverter Diode
Peak reverse recovery current
Reverse transfer capacitance
Diode forward voltage
Gate charge
Cies
Reverse recovery time
Reverse recovered energy
Peak rate of fall of recovery current
Collector-emitter cut-off current incl. Diode
Fall time
Turn-off delay time
Turn-on delay time
Rise time
Gate-emitter leakage current
Collector-emitter saturation voltage
1200
25
0
960
50
50
0.0017
600
600
1600
Thermal grease
thickness
≤50um
λ = 1 W/mK
Rgon=8
160
V
ns
A
nC
nA
K/W
V
205
mWs
ns
pF
mA
Tj=25°C
3
Revision: 3
Copyright by Vincotech


Similar Part No. - F112R6A050SC

ManufacturerPart #DatasheetDescription
logo
Vincotech
F112R6A015SC VINCOTECH-F112R6A015SC Datasheet
616Kb / 6P
   Very compact housing, easy to route
F112R6A035SC VINCOTECH-F112R6A035SC Datasheet
605Kb / 6P
   Very compact housing, easy to route
More results

Similar Description - F112R6A050SC

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P760-A-PM VINCOTECH-V23990-P760-A-PM Datasheet
1Mb / 24P
   Very Compact housing, easy to route
F106R6A030SB VINCOTECH-F106R6A030SB Datasheet
602Kb / 6P
   Very compact housing, easy to route
F112R6A035SC VINCOTECH-F112R6A035SC Datasheet
605Kb / 6P
   Very compact housing, easy to route
V23990-P580-A46-PM VINCOTECH-V23990-P580-A46-PM Datasheet
3Mb / 25P
   Very compact housing, easy to route
F112R6A015SC VINCOTECH-F112R6A015SC Datasheet
616Kb / 6P
   Very compact housing, easy to route
logo
Hamamatsu Corporation
C9118 HAMAMATSU-C9118_15 Datasheet
847Kb / 7P
   Compact, easy-to-use driver circuit
logo
MAKO SEMICONDUCTOR CO.,...
2SB1119 MAKOSEMI-2SB1119 Datasheet
113Kb / 2P
   Very small size making it easy to provide
logo
Productwell Precision E...
RR22P11501 PRODUCTWELL-RR22P11501 Datasheet
123Kb / 1P
   ROSITION ROUTE SWITCHES
RR25P12601 PRODUCTWELL-RR25P12601 Datasheet
129Kb / 1P
   ROSITION ROUTE SWITCHES
RR10A12101 PRODUCTWELL-RR10A12101 Datasheet
112Kb / 1P
   ROSITION ROUTE SWITCHES
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com