Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K200-A40-0A-PM Datasheet(PDF) 2 Page - Vincotech

Part # V23990-K200-A40-0A-PM
Description  Trench Fieldstop IGBT4 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K200-A40-0A-PM Datasheet(HTML) 2 Page - Vincotech

  V23990-K200-A40-0A-PM Datasheet HTML 1Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 2Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 3Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 4Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 5Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 6Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 7Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 8Page - Vincotech V23990-K200-A40-0A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
V23990-K200-A40-PM
Tj=25°C, unless otherwise specified
Parameter
Symbol
Value
Unit
Maximum Ratings
Condition
D1,D2,D3,D4,D5,D6,D7
Thermal Properties
Insulation Properties
Vis
t=2s
DC voltage
4000
V
min 12.7
mm
min 12.7
mm
Tj=Tjmax
175
Maximum Junction Temperature
°C
V
1200
IFRM
Tjmax
Repetitive peak forward current
V
RRM
Repetitive peak reverse voltage
W
Power dissipation per Diode
Ptot
DC forward current
A
Tj=Tjmax
tp limited by Tjmax
A
IF
-40…+(Tjmax - 25)
°C
Storage temperature
Tstg
-40…+125
°C
Clearance
Insulation voltage
Creepage distance
Top
Operation temperature under switching condition
17
45
Th=80°C
49
Th=80°C
Copyright by Vincotech
2
Revision: 4.1


Similar Part No. - V23990-K200-A40-0A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K200-A40-D3-14 VINCOTECH-V23990-K200-A40-D3-14 Datasheet
380Kb / 22P
   Solderless interconnection
V23990-K200-A40-D3-19 VINCOTECH-V23990-K200-A40-D3-19 Datasheet
59Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-K200-A40-0A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
10-FZ127PA015SC-L158E08 VINCOTECH-10-FZ127PA015SC-L158E08 Datasheet
1Mb / 28P
   Trench Fieldstop IGBT4 Technology
V23990-K229-A40-PM VINCOTECH-V23990-K229-A40-PM Datasheet
4Mb / 16P
   Trench Fieldstop IGBT4 technology
V23990-K429-A40-PM VINCOTECH-V23990-K429-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
30-F2127PA075SC-L178E09 VINCOTECH-30-F2127PA075SC-L178E09 Datasheet
2Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K209-A40-PM VINCOTECH-V23990-K209-A40-PM Datasheet
3Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K428-A40-PM VINCOTECH-V23990-K428-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com