Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K201-A-PM Datasheet(PDF) 3 Page - Vincotech

Part # V23990-K201-A-PM
Description  Trench Fieldstop IGBT3 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K201-A-PM Datasheet(HTML) 3 Page - Vincotech

  V23990-K201-A-PM Datasheet HTML 1Page - Vincotech V23990-K201-A-PM Datasheet HTML 2Page - Vincotech V23990-K201-A-PM Datasheet HTML 3Page - Vincotech V23990-K201-A-PM Datasheet HTML 4Page - Vincotech V23990-K201-A-PM Datasheet HTML 5Page - Vincotech V23990-K201-A-PM Datasheet HTML 6Page - Vincotech V23990-K201-A-PM Datasheet HTML 7Page - Vincotech V23990-K201-A-PM Datasheet HTML 8Page - Vincotech V23990-K201-A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
V23990-K201-A-PM
datasheet
Parameter
Symbol
Unit
VGE [V] or
VGS [V]
Vr [V]
or
VCE [V] or
VDS [V]
IC [A] or
IF [A] or
ID [A]
Tj
Min
Typ
Max
Tj=25°C
1,51
Tj=125°C
1,42
Tj=25°C
0,86
Tj=125°C
0,79
Tj=25°C
0,03
Tj=125°C
0,03
Tj=25°C
0,05
Tj=125°C
Thermal resistance chip to heatsink
RthJH
1,50
Tj=25°C
5
2,8
6,5
Tj=150°C
Tj=25°C
1,1
1,69
1,9
Tj=150°C
1,88
Tj=25°C
0,0004
Tj=150°C
Tj=25°C
300
Tj=150°C
Tj=25°C
21
Tj=150°C
20
Tj=25°C
13
Tj=150°C
17
Tj=25°C
152
Tj=150°C
170
Tj=25°C
98
Tj=150°C
103
Tj=25°C
0,155
Tj=150°C
0,209
Tj=25°C
0,133
Tj=150°C
0,168
Thermal resistance chip to heatsink
RthJH
2,40
Tj=25°C
1,34
Tj=150°C
1,34
Tj=25°C
5,97
Tj=150°C
6,97
Tj=25°C
185
Tj=150°C
280
Tj=25°C
0,44
Tj=150°C
0,78
di(rec)max
Tj=25°C
115
/dt
Tj=150°C
37
Tj=25°C
0,082
Tj=150°C
0,154
Thermal resistance chip to heatsink
RthJH
3,00
Thermal grease
thickness≤50um
λ =1 W/mK
K/W
Thermal grease
thickness≤50um
λ =1 W/mK
K/W
mA
ns
ns
V
A
µC
mWs
A/µs
T=25°C
T=100°C
T=100°C
T=25°C
380
28
11
PTC
D1,D2,D3,D4,D5,D6,D7
Erec
Peak reverse recovery current
Peak rate of fall of recovery current
Reverse recovered charge
Reverse recovery time
Reverse recovered energy
diF/dt=tbd A/us
50
0,0008
Thermal grease
thickness≤50um
λ =1 W/mK
∆R/R
R100=1670
Rated resistance
R
Power dissipation constant
Deviation of R100
mW/K
R100
P
1670,313
25
0
±15
300
6
Rgoff=32
Integrated Gate resistor
T1,T2,T3,T4,T5,T6,T7
Gate emitter threshold voltage
IRRM
Diode forward voltage
6
600
Rgon=64
Gate-emitter leakage current
15
Reverse current
Ir
1500
V
V
mA
25
K/W
Characteristic Values
Forward voltage
Threshold voltage (for power loss calc. only)
D8,D9,D10,D11,D12,D13
Value
Slope resistance (for power loss calc. only)
VF
Vto
rt
Conditions
25
25
Input capacitance
Output capacitance
Turn-off energy loss per pulse
Collector-emitter saturation voltage
Turn-on energy loss per pulse
Collector-emitter cut-off current incl. Diode
Turn-off delay time
Turn-on delay time
Cies
Qrr
trr
VF
Rise time
Eoff
tr
td(off)
Fall time
Reverse transfer capacitance
VGE(th)
VCE(sat)
ICES
VCE=VGE
IGES
f=1MHz
td(on)
Crss
Coss
Rgint
tf
Eon
0
0
20
3
-3
1000
%
V
V
nA
Tj=25°C
-
pF
mWs
A-value
B(25/50) Tol. %
T=25°C
7,635*10-3
1/K
B-value
B(25/100) Tol. %
T=25°C
1,731*10-5
1/K²
Vincotech NTC Reference
E
copyright Vincotech
3
Revision: 3


Similar Part No. - V23990-K201-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K201-A-T1-14 VINCOTECH-V23990-K201-A-T1-14 Datasheet
161Kb / 14P
   MiniSKiiP 2nd Gen. PIM Size 1, 600V / 6A
More results

Similar Description - V23990-K201-A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K204-A-PM VINCOTECH-V23990-K204-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P823-F-P2-14 VINCOTECH-V23990-P823-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P825-F-P2-14 VINCOTECH-V23990-P825-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P824-F-P2-14 VINCOTECH-V23990-P824-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-K202-A-PM VINCOTECH-V23990-K202-A-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K203-A-PM VINCOTECH-V23990-K203-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P635-A-D2-14 VINCOTECH-V23990-P635-A-D2-14 Datasheet
2Mb / 32P
   Trench Fieldstop Technology IGBT3 for low saturation loss
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com