Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K202-A-0A-PM Datasheet(PDF) 4 Page - Vincotech

Part # V23990-K202-A-0A-PM
Description  Trench Fieldstop IGBT3 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K202-A-0A-PM Datasheet(HTML) 4 Page - Vincotech

  V23990-K202-A-0A-PM Datasheet HTML 1Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 2Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 3Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 4Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 5Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 6Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 7Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 8Page - Vincotech V23990-K202-A-0A-PM Datasheet HTML 9Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
V23990-K202-A-PM
datasheet
Figure 1
IGBT
Figure 2
IGBT
Typical output characteristics
IC = f(VCE)
At
At
tp =
250
µs
tp =
250
µs
Tj =
25
°C
Tj =
125
°C
VGE from
7 V to 17 V in steps of 1 V
VGE from
7 V to 17 V in steps of 1 V
Figure 3
IGBT
Figure 4
FWD
Typical transfer characteristics
Typical diode forward current as
IC = f(VGE)
a function of forward voltage
IF = f(VF)
At
At
tp =
250
µs
tp =
250
µs
VCE =
10
V
T1,T2,T3,T4,T5,T6,T7/D1,D2,D3,D4,D5,D6,D7
Typical output characteristics
0
5
10
15
20
25
30
0
1
2
3
4
5
V CE (V)
0
3
6
9
12
0
2
4
6
8
10
V GE (V)
Tj = 25°C
Tj = Tjmax-25°C
0
5
10
15
20
25
30
0
0,5
1
1,5
2
2,5
V F (V)
Tj = 25°C
Tj = Tjmax-25°C
0
5
10
15
20
25
30
0
1
2
3
4
5
V CE (V)
copyright Vincotech
4
Revision: 3


Similar Part No. - V23990-K202-A-0A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K202-A-P-19 VINCOTECH-V23990-K202-A-P-19 Datasheet
54Kb / 3P
   Output inverter application
More results

Similar Description - V23990-K202-A-0A-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K204-A-PM VINCOTECH-V23990-K204-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P823-F-P2-14 VINCOTECH-V23990-P823-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P825-F-P2-14 VINCOTECH-V23990-P825-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-P824-F-P2-14 VINCOTECH-V23990-P824-F-P2-14 Datasheet
1Mb / 16P
   Trench Fieldstop IGBT3 Technology
V23990-K201-A-PM VINCOTECH-V23990-K201-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-K203-A-PM VINCOTECH-V23990-K203-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop IGBT3 technology
V23990-P635-A-D2-14 VINCOTECH-V23990-P635-A-D2-14 Datasheet
2Mb / 32P
   Trench Fieldstop Technology IGBT3 for low saturation loss
V23990-K222-A-PM VINCOTECH-V23990-K222-A-PM Datasheet
2Mb / 17P
   Trench Fieldstop technology
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com