Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

V23990-K209-A40-1B-PM Datasheet(PDF) 7 Page - Vincotech

Part # V23990-K209-A40-1B-PM
Description  Trench Fieldstop IGBT4 technology
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VINCOTECH [Vincotech]
Direct Link  http://www.vincotech.com
Logo VINCOTECH - Vincotech

V23990-K209-A40-1B-PM Datasheet(HTML) 7 Page - Vincotech

Back Button V23990-K209-A40-1B-PM Datasheet HTML 3Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 4Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 5Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 6Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 7Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 8Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 9Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 10Page - Vincotech V23990-K209-A40-1B-PM Datasheet HTML 11Page - Vincotech Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
V23990-K209-A40-PM
Figure 13
FWD
Figure 14
FWD
Typical reverse recovery charge as a
Typical reverse recovery charge as a
function of collector current
function of IGBT turn on gate resistor
Qrr = f(IC)
Qrr = f(Rgon)
At
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
8
A
Rgon =
64
Ǒ
VGE =
±15
V
Figure 15
FWD
Figure 16
FWD
Typical reverse recovery current as a
Typical reverse recovery current as a
function of collector current
function of IGBT turn on gate resistor
IRRM = f(IC)
IRRM = f(Rgon)
At
At
Tj =
25/150
°C
Tj =
25/150
°C
VCE =
600
V
VR =
600
V
VGE =
±15
V
IF =
8
A
Rgon =
64
Ǒ
VGE =
±15
V
T1,T2,T3,T4,T5,T6,T7 / D1,D2,D3,D4,D5,D6,D7
Tj = Tjmax - 25°C
IRRM
Tj = 25°C
IRRM
0
2
4
6
8
10
0
50
100
150
200
250
300
R gon ( Ω
Ω )
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0
0,4
0,8
1,2
1,6
2
0
50
100
150
200
250
300
R g on ( Ω)
Tj = Tjmax -25°C
IRRM
Tj = 25°C
IRRM
0
2
4
6
8
10
0
3
6
9
12
15
I C (A)
Tj = Tjmax -25°C
Qrr
Tj = 25°C
Qrr
0
0,4
0,8
1,2
1,6
2
0
3
6
9
12
15
I C (A)
Copyright by Vincotech
7
Revision: 4.2


Similar Part No. - V23990-K209-A40-1B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-K209-A40-P1-14 VINCOTECH-V23990-K209-A40-P1-14 Datasheet
475Kb / 22P
   Solderless interconnection
V23990-K209-A40-P1-19 VINCOTECH-V23990-K209-A40-P1-19 Datasheet
73Kb / 3P
   Output Inverter Application
More results

Similar Description - V23990-K209-A40-1B-PM

ManufacturerPart #DatasheetDescription
logo
Vincotech
V23990-P707-F40-P1-14 VINCOTECH-V23990-P707-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
V23990-K220-A41-PM VINCOTECH-V23990-K220-A41-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
10-FZ127PA015SC-L158E08 VINCOTECH-10-FZ127PA015SC-L158E08 Datasheet
1Mb / 28P
   Trench Fieldstop IGBT4 Technology
V23990-K229-A40-PM VINCOTECH-V23990-K229-A40-PM Datasheet
4Mb / 16P
   Trench Fieldstop IGBT4 technology
V23990-K429-A40-PM VINCOTECH-V23990-K429-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
30-F2127PA075SC-L178E09 VINCOTECH-30-F2127PA075SC-L178E09 Datasheet
2Mb / 30P
   Trench Fieldstop IGBT4 Technology
V23990-K428-A40-PM VINCOTECH-V23990-K428-A40-PM Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 technology
V23990-K229-A41-PM VINCOTECH-V23990-K229-A41-PM Datasheet
1Mb / 18P
   Trench Fieldstop IGBT4 technology
V23990-P709-F40-P1-14 VINCOTECH-V23990-P709-F40-P1-14 Datasheet
1Mb / 17P
   Trench Fieldstop IGBT4 Technology
30-F2127PA100SC-L179E09 VINCOTECH-30-F2127PA100SC-L179E09 Datasheet
1Mb / 30P
   Trench Fieldstop IGBT4 Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com